Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249 Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # TOP249
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249 Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button TOP249 Datasheet HTML 20Page - Power Integrations, Inc. TOP249 Datasheet HTML 21Page - Power Integrations, Inc. TOP249 Datasheet HTML 22Page - Power Integrations, Inc. TOP249 Datasheet HTML 23Page - Power Integrations, Inc. TOP249 Datasheet HTML 24Page - Power Integrations, Inc. TOP249 Datasheet HTML 25Page - Power Integrations, Inc. TOP249 Datasheet HTML 26Page - Power Integrations, Inc. TOP249 Datasheet HTML 27Page - Power Integrations, Inc. TOP249 Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Rev. R 10/20
24
TOP242-250
www.power.com
Diode D10 for the 5 V output is a PN type to center the
5 V output at 5 V. The 3.3 V and 5 V output require two
capacitors in parallel to meet the ripple current requirement.
Switching noise filtering is provided by L2 to L5 and C8,
C10, C12, C15 and C18. Resistor R6 prevents peak
charging of the lightly loaded 30 V output. The outputs are
regulated using a secondary reference (U3). Both the 3.3
V and 5 V outputs are sensed via R11 and R10. Resistor
R8 provides bias for U3 and R7 sets the overall DC gain.
Resistor R9, C19, R3 and C5 provide loop compensation.
A soft-finish capacitor (C20) eliminates output overshoot.
Processor Controlled Supply Turn On/Off
A low cost momentary contact switch can be used to turn
the TOPSwitch-GX power on and off under microprocessor
control, which may be required in some applications such
as printers. The low power remote OFF feature allows
an elegant implementation of this function with very few
external components, as shown in Figure 45. Whenever
the push button momentary contact switch P1 is closed
by the user, the optocoupler U3 is activated to inform the
microprocessor of this action. Initially, when the power
supply is off (M pin is floating), closing of P1 turns the power
supply on by shorting the M pin of the TOPSwitch-GX to
SOURCE through a diode (remote ON). When the
secondary output voltage V
CC is established, the micro-
processor comes alive and recognizes that the switch P1
is closed through the switch status input that is driven
by the optocoupler U3 output. The microprocessor then
sends a power supply control signal to hold the power
supply in the on-state through the optocoupler U4. If the
user presses the switch P1 again to command a turn off,
the microprocessor detects this through the optocoupler
U3 and initiates a shutdown procedure that is product
specific. For example, in the case of the inkjet printer, the
shutdown procedure may include safely parking the print
heads in the storage position. In the case of products
with a disk drive, the shutdown procedure may include
saving data or settings to the disk. After the shutdown
procedure is complete, when it is safe to turn off the power
supply, the microprocessor releases the M pin by turning
the optocoupler U4 off. If the manual switch and the
optocouplers U3 and U4 are not located close to the M pin,
a capacitor C
M may be needed to prevent noise coupling to
the pin when it is open.
U1
U2
U4
U3
CM
P1
P1 Switch
Status
Power
Supply
ON/OFF
Control
External
Wake-up
Signal
PI-2561-030805
VCC
(+5 V)
RETURN
CONTROL
MICRO-
PROCESSOR/
CONTROLLER
LOGIC
INPUT
LOGIC
OUTPUT
High-Voltage
DC Input
TOPSwitch-GX
D
M
S
F
C
1N4148
U4
LTV817A
6.8 k
Ω
1 nF
100 k
Ω
6.8 k
Ω
U3
LTV817A
27 k
Ω
1N4148
47
µF
+
Figure 45. Remote ON/OFF using Microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com