Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249 Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # TOP249
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249 Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button TOP249 Datasheet HTML 28Page - Power Integrations, Inc. TOP249 Datasheet HTML 29Page - Power Integrations, Inc. TOP249 Datasheet HTML 30Page - Power Integrations, Inc. TOP249 Datasheet HTML 31Page - Power Integrations, Inc. TOP249 Datasheet HTML 32Page - Power Integrations, Inc. TOP249 Datasheet HTML 33Page - Power Integrations, Inc. TOP249 Datasheet HTML 34Page - Power Integrations, Inc. TOP249 Datasheet HTML 35Page - Power Integrations, Inc. TOP249 Datasheet HTML 36Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Rev. R 10/20
32
TOP242-250
www.power.com
In Figures 47, 48 and 49, a narrow trace is shown between
the output rectifier and output filter capacitor. This trace
acts as a thermal relief between the rectifier and filter
capacitor to prevent excessive heating of the capacitor.
Quick Design Checklist
As with any power supply design, all TOPSwitch-GX
designs should be verified on the bench to make sure that
components specifications are not exceeded under worst
case conditions. The following minimum set of tests is
strongly recommended:
1. Maximum drain voltage – Verify that peak V
DS does not
exceed 675 V at highest input voltage and maximum
overload output power. Maximum overload output
power occurs when the output is overloaded to a level
just before the power supply goes into auto-restart (loss
of regulation).
2. Maximum drain current – At maximum ambient
temperature, maximum input voltage and maximum
output load, verify drain current waveforms at start-up
for any signs of transformer saturation and excessive
leading edge current spikes. TOPSwitch-GX has
a leading edge blanking time of 220 ns to prevent
premature termination of the ON-cycle.Verify that the
leading edge current spike is below the allowed current
limit envelope (see Figure 52) for the drain current
waveform at the end of the 220 ns blanking period.
3. Thermal check – At maximum output power, minimum
input voltage and maximum ambient temperature, verify
that temperature specifications are not exceeded for
TOPSwitch-GX, transformer, output diodes and output
capacitors. Enough thermal margin should be allowed
for the part-to-part variation of the R
DS(ON) of TOPSwitch-
GX, as specified in the data sheet. The margin required
can either be calculated from the tolerances or it can
be accounted for by connecting an external resistance
in series with the DRAIN pin and attached to the same
heat sink, having a resistance value that is equal to the
difference between the measured R
DS(ON) of the device
under test and the worst-case maximum specification.
Design Tools
For a discussion on utilizing TOP248, TOP249
and TOP250 in forward converter configurations,
please refer to the TOPSwitch-GX Forward Design
Methodology Application Note.
Up-to-date information on design tools can be found at the
Power Integrations website: www.power.com
-
HV
+
- DC
Out
PI-2734-043001
T
r
a
n
s
f
o
r
m
e
r
Safety Spacing
Y1-
Capacitor
Solder Side
Component Side
Opto-
coupler
+
Output Filter Capacitors
Maximize hatched copper
areas (
) for optimum
heat sinking
TOP VIEW
Input Filter
Capacitor
R1a - 1c
PRI
PRI
SEC
BIAS
TOPSwitch-GX
S
L
C
X
D
Figure 49. Layout Considerations for TOPSwitch-GX using R Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com