Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS75R12KE3G Datasheet(PDF) 1 Page - eupec GmbH

Part # FS75R12KE3G
Description  IGBT-Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R12KE3G Datasheet(HTML) 1 Page - eupec GmbH

  FS75R12KE3G Datasheet HTML 1Page - eupec GmbH FS75R12KE3G Datasheet HTML 2Page - eupec GmbH FS75R12KE3G Datasheet HTML 3Page - eupec GmbH FS75R12KE3G Datasheet HTML 4Page - eupec GmbH FS75R12KE3G Datasheet HTML 5Page - eupec GmbH FS75R12KE3G Datasheet HTML 6Page - eupec GmbH FS75R12KE3G Datasheet HTML 7Page - eupec GmbH FS75R12KE3G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IC, nom
75
A
IC
100
A
min.
typ.
max.
-
1,7
2,1
V
-
2
t.b.d.
V
I²t
-
400
nA
gate emitter leakage current
Gate Emitter Reststrom
VCE= 0V, VGE= 20V, Tvj= 25°C
IGES
-
0,2
-
nF
reverse transfer capacitance
Rückwirkungskapazität
f= 1MHz, Tvj= 25°C, VCE= 25V, VGE= 0V
Cres
-
5
5,8
6,5
V
A
DC forward current
+/- 20
1,19
kA²s
tp= 1ms
IFRM
150
A
Grenzlastintegral
150
Dauergleichstrom
IF
75
Tc= 25°C
repetitive peak collector current
tp= 1ms, Tc= 80°C
Periodischer Kollektor Spitzenstrom
ICRM
W
V
gate emitter peak voltage
repetitive peak forward current
VR= 0V, tp= 10ms, Tvj= 125°C
VGE= 15V, Tvj= 125°C, IC= IC,nom
Gate Schwellenspannung
VCE= VGE, Tvj= 25°C, IC= 3mA
I²t value
Elektrische Eigenschaften / electrical properties
Höchstzulässige Werte / maximum rated values
Kollektor Emitter Sperrspannung
Tc= 80°C
Kollektor Dauergleichstrom
Tc= 25°C
DC collector current
VCES
collector emitter voltage
1200
V
kV
2,5
A
nF
-
vorläufige Daten
preliminary data
Transistor Wechselrichter / transistor inverter
date of publication: 2001-08-16
Kollektor Emitter Sättigungsspannung
VGE= 15V, Tvj= 25°C, IC= IC,nom
collector emitter satration voltage
Periodischer Spitzenstrom
Gesamt Verlustleistung
total power dissipation
Gate Emitter Spitzenspannung
VCEsat
Charakteristische Werte / characteristic values
approved: Martin Hierholzer
input capacitance
gate charge
Gateladung
VGE= -15V...+15V
QG
ICES
Technische Information / technical information
FS75R12KE3 G
IGBT-Module
IGBT-Modules
Isolations Prüfspannung
insulation test voltage
RMS, f= 50Hz, t= 1min
VISOL
Ptot
350
Kollektor Emitter Reststrom
prepared by: Mark Münzer
gate threshold voltage
Eingangskapazität
VGES
revision: 2
VGE(th)
f= 1MHz, Tvj= 25°C, VCE= 25V, VGE= 0V
Cies
5,3
-
-
-
5
mA
collector emitter cut off current
VCE= 1200V, VGE= 0V, Tvj= 25°C
-
0,7
-
µC
1 (8)
Datenblatt_FS75R12KE3G_V2.xls
2001-08-16


Similar Part No. - FS75R12KE3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS75R12KE3G EUPEC-FS75R12KE3G Datasheet
352Kb / 8P
IGBT-modules
logo
Infineon Technologies A...
FS75R12KE3G INFINEON-FS75R12KE3G Datasheet
461Kb / 8P
IGBT-Module
2013-10-02 revision:3.1
FS75R12KE3GBOSA1 INFINEON-FS75R12KE3GBOSA1 Datasheet
461Kb / 8P
IGBT-Module
2013-10-02 revision:3.1
logo
eupec GmbH
FS75R12KE3G EUPEC-FS75R12KE3G_03 Datasheet
352Kb / 8P
IGBT-modules
More results

Similar Description - FS75R12KE3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS25R12YT3 EUPEC-FS25R12YT3 Datasheet
320Kb / 8P
IGBT-modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
IGBT-Modules
logo
Semikron International
SKM400GA123D SEMIKRON-SKM400GA123D_06 Datasheet
551Kb / 6P
IGBT Modules
SKIM220GD176D SEMIKRON-SKIM220GD176D Datasheet
1Mb / 4P
IGBT Modules
SKIM450GD126D SEMIKRON-SKIM450GD126D Datasheet
913Kb / 4P
IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
IGBT Modules
SKM50GB123D SEMIKRON-SKM50GB123D_06 Datasheet
769Kb / 5P
IGBT Modules
logo
eupec GmbH
FZ800R17KF6CB2 EUPEC-FZ800R17KF6CB2 Datasheet
118Kb / 9P
IGBT-Modules
FS15R06XL4 EUPEC-FS15R06XL4 Datasheet
209Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
F430R06W1E3 INFINEON-F430R06W1E3 Datasheet
793Kb / 9P
IGBT-modules
2013-03-04 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com