Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS75R12KE3G Datasheet(PDF) 5 Page - eupec GmbH

Part # FS75R12KE3G
Description  IGBT-Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R12KE3G Datasheet(HTML) 5 Page - eupec GmbH

  FS75R12KE3G Datasheet HTML 1Page - eupec GmbH FS75R12KE3G Datasheet HTML 2Page - eupec GmbH FS75R12KE3G Datasheet HTML 3Page - eupec GmbH FS75R12KE3G Datasheet HTML 4Page - eupec GmbH FS75R12KE3G Datasheet HTML 5Page - eupec GmbH FS75R12KE3G Datasheet HTML 6Page - eupec GmbH FS75R12KE3G Datasheet HTML 7Page - eupec GmbH FS75R12KE3G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
vorläufige Daten
preliminary data
Technische Information / technical information
FS75R12KE3 G
IGBT-Module
IGBT-Modules
forward caracteristic of inverse diode (typical)
Übertragungscharakteristik (typisch)
transfer characteristic (typical)
IC= f(VGE)
VCE= 20V
Durchlasskennlinie der Inversdiode (typisch)
IF= f(VF)
0
15
30
45
60
75
90
105
120
135
150
5
6
7
8
9
10
11
12
13
VGE [V]
Tvj = 25°C
Tvj = 125°C
0
15
30
45
60
75
90
105
120
135
150
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
VF [V]
Tvj = 25°C
Tvj = 125°C
5 (8)
Datenblatt_FS75R12KE3G_V2.xls
2001-08-16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com