Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS75R12KE3G Datasheet(PDF) 4 Page - eupec GmbH

Part # FS75R12KE3G
Description  IGBT-Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R12KE3G Datasheet(HTML) 4 Page - eupec GmbH

  FS75R12KE3G Datasheet HTML 1Page - eupec GmbH FS75R12KE3G Datasheet HTML 2Page - eupec GmbH FS75R12KE3G Datasheet HTML 3Page - eupec GmbH FS75R12KE3G Datasheet HTML 4Page - eupec GmbH FS75R12KE3G Datasheet HTML 5Page - eupec GmbH FS75R12KE3G Datasheet HTML 6Page - eupec GmbH FS75R12KE3G Datasheet HTML 7Page - eupec GmbH FS75R12KE3G Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
vorläufige Daten
preliminary data
Technische Information / technical information
FS75R12KE3 G
IGBT-Module
IGBT-Modules
Ausgangskennlinie (typisch)
IC= f(VCE)
output characteristic (typical)
Tvj= 125°C
output characteristic (typical)
VGE= 15V
Ausgangskennlinienfeld (typisch)
IC= f(VCE)
0
15
30
45
60
75
90
105
120
135
150
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
VCE [V]
Tvj = 25°C
Tvj = 125°C
0
15
30
45
60
75
90
105
120
135
150
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
VCE [V]
VGE=19V
VGE=17V
VGE=15V
VGE=13V
VGE=11V
VGE=9V
4 (8)
Datenblatt_FS75R12KE3G_V2.xls
2001-08-16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com