Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSK.230..PBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-VSK.230..PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.230..PBF Datasheet(HTML) 8 Page - Vishay Siliconix

  VS-VSK.230..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95086
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 03-Aug-07
1
MAGN-A-PAK
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Notes
• Dimensions are nominal
• Full engineering drawings are available on request
• UL identification number for gate and cathode wire: UL 1385
• UL identification number for package: UL 94 V-0
Ø 5.5
6 (0.24)
115 (4.53)
80 (3.15)
9 (0.35)
3 screws M8 x 1.25
35 (1.38)
28 (1.12)
HEX 13
92 (3.62)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com