Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSK.230..PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-VSK.230..PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.230..PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-VSK.230..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-VSK.230..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 12-Nov-2018
1
Document Number: 93053
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 230 A
FEATURES
• High voltage
• Electrically isolated base plate
• 3500 VRMS isolating voltage
• Industrial standard package
• Simplified mechanical designs, rapid assembly
• High surge capability
• Large creepage distances
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
This VSK series of MAGN-A-PAK modules uses high voltage
power thyristor/thyristor and thyristor/diode in seven basic
configurations. The semiconductors are electrically isolated
from the metal base, allowing common heatsinks and
compact assemblies to be built. They can be interconnected
to form single phase or three phase bridges or as
AC-switches when modules are connected in anti-parallel
mode. These modules are intended for general purpose
applications such as battery chargers, welders, motor
drives, UPS, etc.
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IT(AV)
230 A
Type
Modules - thyristor, standard
Package
MAGN-A-PAK
MAGN-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV)
85 °C
230
A
IT(RMS)
510
ITSM
50 Hz
7500
60 Hz
7850
I2t
50 Hz
280
kA2s
60 Hz
260
I2
t
280
kA2
s
VDRM/VRRM
800 to 2000
V
TJ
Range
-40 to +130
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE AND OFF-STATE
BLOCKING VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM/IDRM
AT 130 °C
MAXIMUM
mA
VS-VSK.230-
08
800
900
50
12
1200
1300
16
1600
1700
18
1800
1900
20
2000
2100


Similar Part No. - VS-VSK.230..PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
More results

Similar Description - VS-VSK.230..PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
02-Jul-10
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
02-Jul-10
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
27-Apr-17
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
12-Nov-2018
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSKH320-16PBF VISHAY-VS-VSKH320-16PBF Datasheet
206Kb / 8P
SCR/Diode (MAGN-A-PAK Power Modules), 320 A
26-Jul-2018
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
12-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com