Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSK.230..PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-VSK.230..PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.230..PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-VSK.230..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-VSK.230..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 12-Nov-2018
3
Document Number: 93053
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Junction operating temperature range
TJ
-40 to +130
°C
Storage temperature range
TStg
-40 to +150
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.125
K/W
Typical thermal resistance,
case to heatsink per module
RthCS
Mounting surface flat, smooth, and greased
0.02
Mounting
torque ± 10 %
MAGN-A-PAK to heatsink
A mounting compound is recommended and
the torque should be rechecked after a period
of about 3 h to allow for the spread of the
compound.
4 to 6
Nm
busbar to MAGN-A-PAK
Approximate weight
500
g
17.8
oz.
Case style
MAGN-A-PAK
R CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION AT TJ MAXIMUM
RECTANGULAR CONDUCTION AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VSK.230-
0.009
0.010
0.010
0.020
0.032
0.007
0.011
0.015
0.020
0.033
K/W
Average On-state Current (A)
200
240
160
120
90
100
110
120
130
80
60
70
80
40
0
Ø
Conduction Angle
30°
60°
90°
120°
VSK.230..Series
R
thJC (DC) = 0.125 K/W
180°
Average On-state Current (A)
250
300
350
400
200
150
90
100
110
120
130
100
60
70
80
50
0
VSK.230..Series
R
thJC (DC) = 0.125 K/W
Conduction Period
Ø
30°
DC
60°
90°
120°
180°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com