Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSK.230..PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-VSK.230..PBF
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.230..PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-VSK.230..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-VSK.230..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 12-Nov-2018
2
Document Number: 93053
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
230
A
85
°C
Maximum RMS on-state current
IT(RMS)
As AC switch
510
A
Maximum peak, one-cycle on-state
non-repetitive, surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial
TJ = TJ maximum
7500
t = 8.3 ms
7850
t = 10 ms
100 % VRRM
reapplied
6300
t = 8.3 ms
6600
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
280
kA2s
t = 8.3 ms
256
t = 10 ms
100 % VRRM
reapplied
198
t = 8.3 ms
181
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
2800
kA2
s
Low level value or threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
1.03
V
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV)), TJ = TJ maximum
1.07
Low level value on-state slope resistance
rt1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
0.77
m
High level value on-state slope resistance
rt2
(I >
 x I
T(AV)), TJ = TJ maximum
0.73
Maximum on-state voltage drop
VTM
ITM =  x IT(AV), TJ = TJ maximum, 180° conduction,
average power = VT(TO) x IT(AV) + rf x (IT(RMS))2
1.59
V
Maximum holding current
IH
Anode supply = 12 V, initial IT = 30 A, TJ = 25 °C
500
mA
Maximum latching current
IL
Anode supply = 12 V, resistive load = 1
,
gate pulse: 10 V, 100 μs, TJ = 25 °C
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical delay time
td
TJ = 25 °C, gate current = 1 A dIg/dt = 1 A/μs,
Vd = 0.67 % VDRM
1.0
μs
Typical rise time
tr
2.0
Typical turn-off time
tq
ITM = 300 A; dI/dt = 15 A/μs; TJ = TJ maximum;
VR = 50 V; dV/dt = 20 V/μs; gate 0 V, 100 
50 to 150
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum
50
mA
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted, 25 °C, 1 s
3000
V
Critical rate of rise of off-state voltage
dV/dt
TJ = TJ maximum, exponential to 67 % rated VDRM
1000
V/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
tp  5 ms, TJ = TJ maximum
10.0
W
Maximum average gate power
PG(AV)
f = 50 Hz, TJ = TJ maximum
2.0
Maximum peak gate current
+ IGM
tp  5 ms, TJ = TJ maximum
3.0
A
Maximum peak negative gate voltage
- VGT
tp  5 ms, TJ = TJ maximum
5.0
V
Maximum required DC gate voltage to trigger
VGT
TJ = -40 °C
Anode supply = 12 V,
resistive load; Ra = 1
4.0
TJ = 25 °C
3.0
TJ = TJ maximum
2.0
Maximum required DC gate current to trigger
IGT
TJ = - 40 °C
Anode supply = 12 V,
resistive load; Ra = 1
350
mA
TJ = 25 °C
200
TJ = TJ maximum
100
Maximum gate voltage that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.25
V
Maximum gate current that will not trigger
IGD
TJ = TJ maximum, rated VDRM applied
10.0
mA
Maximum rate of rise of turned-on current
dI/dt
TJ = TJ maximum, ITM = 400 A, rated VDRM applied
500
A/μs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com