Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS32 Datasheet(PDF) 20 Page - Sensirion AG Switzerland

Part # STS32
Description  3th Generation, High-Reliability, Certified Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STS32 Datasheet(HTML) 20 Page - Sensirion AG Switzerland

Back Button STS32 Datasheet HTML 16Page - Sensirion AG Switzerland STS32 Datasheet HTML 17Page - Sensirion AG Switzerland STS32 Datasheet HTML 18Page - Sensirion AG Switzerland STS32 Datasheet HTML 19Page - Sensirion AG Switzerland STS32 Datasheet HTML 20Page - Sensirion AG Switzerland STS32 Datasheet HTML 21Page - Sensirion AG Switzerland STS32 Datasheet HTML 22Page - Sensirion AG Switzerland STS32 Datasheet HTML 23Page - Sensirion AG Switzerland STS32 Datasheet HTML 24Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
www.sensirion.com / D1
Version 4
– December 2022
20/24
Parameter
Symbol
Min
Nom. Max Units
Comments
Package height
A
0.8
0.9
1
mm
Leadframe height
A3
-
0.2
-
mm
Pad width
b
0.2
0.25
0.3
mm
Package width
D
2.4
2.5
2.6
mm
Center pad length
D2
1
1.1
1.2
mm
Package length
E
2.4
2.5
2.6
mm
Center pad width
E2
1.7
1.8
1.9
mm
Pad pitch
e
-
0.5
-
mm
Pad length
L
0.25
0.35
0.45
mm
Center pad marking
T1xT2
-
0.3x45°
-
mm
indicates the position of pin 1
Table 21. Package outline.
5.3 Land Pattern
The land pattern (Figure 6) is understood to be the open metal areas on the PCB, onto which the
DFN pads are soldered. The solder mask is understood to be the insulating layer on top of the PCB
covering the copper traces. It is recommended to design the solder pads as a Non-Solder Mask
Defined (NSMD) type. For NSMD pads, the solder mask opening should provide a 60
μm to 75 μm
design clearance between any copper pad and solder mask. As the pad pitch is only 0.5 mm we
recommend to have one solder mask opening for all four I/O pads on one side. For solder paste
printing it is recommended to use a laser-cut, stainless steel stencil with electro-polished
trapezoidal walls and with 0.1 or 0.125 mm stencil thickness. The length of the stencil apertures for
the I/O pads should be the same as the PCB pads. However, the position of the stencil apertures
should have an offset of 0.1 mm away from the center of the package. The die pad aperture should
cover about 70%
– 90% of the die pad area –thus it should have a size of about 0.9 mm x 1.6 mm.
For information on the soldering process and further recommendation on the assembly process
please consult the Handling Instructions [3], which can be found on the Sensirion webpage.
Figure 6. Recommended metal land pattern (left) and stencil apertures (right) for the STS32/33-DIS. The
dashed lines represent the outer dimension of the DFN package. The PCB pads (left) and stencil apertures
(right) are indicated through the shaded areas.
Recommended Land Pattern
Recommended Stencil Aperture
0.55
1
2.35
0.2
0.9
0.55
2.55
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com