Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS32 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # STS32
Description  3th Generation, High-Reliability, Certified Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STS32 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button STS32 Datasheet HTML 2Page - Sensirion AG Switzerland STS32 Datasheet HTML 3Page - Sensirion AG Switzerland STS32 Datasheet HTML 4Page - Sensirion AG Switzerland STS32 Datasheet HTML 5Page - Sensirion AG Switzerland STS32 Datasheet HTML 6Page - Sensirion AG Switzerland STS32 Datasheet HTML 7Page - Sensirion AG Switzerland STS32 Datasheet HTML 8Page - Sensirion AG Switzerland STS32 Datasheet HTML 9Page - Sensirion AG Switzerland STS32 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.sensirion.com / D1
Version 4
– December 2022
6/24
2 Electrical Specifications
2.1 Electrical Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Supply
voltage
VDD
2.15
3.3
5.5
V
Power-
up/down level
VPOR
1.8
2.1
2.15
V
Slew rate
change of the
supply voltage
VDD,slew
-
-
20
V/ms
Voltage changes
on the VDD line
between VDD,min
and VDD,max should
be slower than the
maximum slew
rate; faster slew
rates may lead to
reset;
Supply current
IDD
idle state
(single shot
mode)
T = 25 °C
-
0.2
2.0
µA
Current when
sensor is not
performing a
measurement
during single shot
mode
idle state
(single shot
mode)
T = 125 °C
-
-
6.0
idle state
(periodic data
acquisition
mode)
-
45
-
µA
Current when
sensor is not
performing a
measurement
during periodic data
acquisition mode
Measuring
-
600
1500
µA
Current
consumption while
sensor is
measuring
Average
-
1.7
-
µA
Current
consumption
(operation with one
measurement per
second at lowest
repeatability, single
shot mode)
Alert Output
driving
strength
IOH
1.5x
VDD
mA
See also section
3.5
Heater power
PHeater
Heater running
3.6
-
33
mW
Depending on the
supply voltage
Table 3. Electrical specifications, typical values are valid for T = 25 °C, min. & max. values for
T =
−40 °C … 125 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com