Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS32 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # STS32
Description  3th Generation, High-Reliability, Certified Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STS32 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  STS32 Datasheet HTML 1Page - Sensirion AG Switzerland STS32 Datasheet HTML 2Page - Sensirion AG Switzerland STS32 Datasheet HTML 3Page - Sensirion AG Switzerland STS32 Datasheet HTML 4Page - Sensirion AG Switzerland STS32 Datasheet HTML 5Page - Sensirion AG Switzerland STS32 Datasheet HTML 6Page - Sensirion AG Switzerland STS32 Datasheet HTML 7Page - Sensirion AG Switzerland STS32 Datasheet HTML 8Page - Sensirion AG Switzerland STS32 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.sensirion.com / D1
Version 4
– December 2022
1/24
STS32/33-DIS
3th Generation, High-Reliability, Certified
Digital Temperature Sensor
Features
• Accuracy ±0.4 °C
• VDD = 2.15 V … 5.5 V
• Low drift, <0.01 °C per year
• Sensor-specific calibration certificate acc. to
ISO 17025:2017, 3-point temp. calibration
• Operating range: −40…125 °C
• True NIST-traceability, unique serial number
• JEDEC JESD47 qualification
• I2C FM, CRC checksum, multip. I2C addr.
• Tiny 8-pin DFN package with ALERT pin
General Description
The STS32/33-DIS are
Sensirion’s new low-drift digital calibrated and ISO17025 certified
temperature sensors. Both rely on the industry proven CMOSens® technology, enabling
increased computational power, reliability and improved accuracy specifications compared to
its predecessors. Its functionality includes enhanced signal processing, two distinctive and user
selectable I2C addresses and communication speeds of up to 1 MHz. The DFN package has
a footprint of 2.5 x 2.5 mm2 while keeping a height of 0.9 mm. Every STS32 or STS33 is
identified by its unique serial number and is supplied with an ISO17025-accredited calibration
certificate. The calibration certificate comprises three temperatures, −30 °C, 5 °C, and 70 °C.
In terms of communication, electrical specifications, and footprint, the SHT33-DIS is fully identical
with the STS3x-DIS.
Device Overview
Functional Block Diagram
Products
Details
STS32-DIS
ISO17025 3-point calibration certificate
accuracy profile 1
STS33-DIS
ISO17025 3-point calibration certificate
accuracy profile 2
Full product list on page 22
SCAN ME to give feedback and help us to
improve this document.
—Thank you!


Similar Part No. - STS32

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
STS321080B100 TECHPUBLIC-STS321080B100 Datasheet
1Mb / 4P
I-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - STS32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
Digital Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
Digital Temperature Sensor
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
DIGITAL TEMPERATURE SENSOR
logo
Sensirion AG Switzerlan...
SHT33-DIS SENSIRION-SHT33-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com