Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS32 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # STS32
Description  3th Generation, High-Reliability, Certified Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STS32 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button STS32 Datasheet HTML 9Page - Sensirion AG Switzerland STS32 Datasheet HTML 10Page - Sensirion AG Switzerland STS32 Datasheet HTML 11Page - Sensirion AG Switzerland STS32 Datasheet HTML 12Page - Sensirion AG Switzerland STS32 Datasheet HTML 13Page - Sensirion AG Switzerland STS32 Datasheet HTML 14Page - Sensirion AG Switzerland STS32 Datasheet HTML 15Page - Sensirion AG Switzerland STS32 Datasheet HTML 16Page - Sensirion AG Switzerland STS32 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.sensirion.com / D1
Version 4
– December 2022
13/24
Command
Hex code
Fetch Data
0x E0 00
Table 10
. Fetch Data command (clear blocks are controlled by the microcontroller, grey blocks by the sensor)
4.7 Break command/ Stop Periodic Data Acquisition Mode
The periodic data acquisition mode can be stopped using the break command shown in Table 11.
It is recommended to stop the periodic data acquisition prior to sending another command (except
Fetch Data command) using the break command. Upon reception of the break command the
sensor will abort the ongoing measurement and enter the single shot mode. This takes 1 ms.
Command
Hex Code
Break
0x3093
Table 11. Break command (clear blocks are controlled by the microcontroller, grey blocks by the sensor).
4.8 Reset
A system reset of the STS32/33-DIS can be generated externally by issuing a command (soft reset)
or by sending a pulse to the dedicated reset pin (nReset pin). Additionally, a system reset is
generated internally during power-up. During the reset procedure the sensor will not process
commands. In order to achieve a full reset of the sensor without removing the power supply, it is
recommended to use the nRESET pin of the STS32/33-DIS.
Interface Reset
If communication with the device is lost, the following signal sequence will reset the serial interface:
While leaving SDA high, toggle SCL nine or more times. This must be followed by a Transmission
Start sequence preceding the next command. This sequence resets the interface only. The status
register preserves its content.
Soft Reset / Re-Initialization
The STS32/33-DIS provides a soft reset mechanism that forces the system into a well-defined state
without removing the power supply. When the system is in idle state the soft reset command can
be sent to the STS32/33-DIS. This triggers the sensor to reset its system controller and reloads
calibration data from the memory. In order to start the soft reset procedure the command as shown
in Table 12 should be sent. It is worth noting that the sensor reloads calibration data prior to every
measurement by default.
I2C Address
Temperature MSB
16-bit command
I2C write header
I2C read header
I2C Address
Temperature LSB
16-bit temperature value
Checksum
S
W
P
CRC
R
Command LSB
Command MSB
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com