Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAF1080 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 4 Page - Analog Devices

  ADAF1080 Datasheet HTML 1Page - Analog Devices ADAF1080 Datasheet HTML 2Page - Analog Devices ADAF1080 Datasheet HTML 3Page - Analog Devices ADAF1080 Datasheet HTML 4Page - Analog Devices ADAF1080 Datasheet HTML 5Page - Analog Devices ADAF1080 Datasheet HTML 6Page - Analog Devices ADAF1080 Datasheet HTML 7Page - Analog Devices ADAF1080 Datasheet HTML 8Page - Analog Devices ADAF1080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet
ADAF1080
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 36
Table 3. Magnetic Range ±4 mT (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TA = −40°C to +125°C
−2.8
+3.3
%SCOEFF1
Linearity Error
LERROR
±4 mT range, FSR = 8 mT
−0.65
+0.59
%FSR
Sensitivity Error due to a Cross Field2 SERROR_BC
BCROSS = ±0.5 mT
0.08
%SCOEFF1
Sensitivity Lifetime Error2
0.009
%SCOEFF1
1 Ideal sensitivity, factory trimmed and calculated with the linear best-fit, is measured from the following points: ±4 mT, ±3 mT, ±2 mT, ±1 mT, and ±0.5 mT.
2 Production tested at ±1 mT. Full range guaranteed by design and/or characterization.
3 Ideal coefficient, factory trimmed and calculated with the third-order best-fit, is measured from the following points ±4 mT, ±3 mT, ±2 mT, ±1 mT, and ±0.5 mT.
Table 4. Magnetic Range ±8 mT
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY PARAMETERS
Ideal Sensitivity1, 2
SCOEFF1
TA = 25°C, VDD = 5 V, G = 80
183
mV/mT
TA = 25°C, VDD = 5 V, G = 40
91.5
mV/mT
TA = 25°C, VDD = 5 V, G = 20
45.75
mV/mT
Nonlinearity Coefficient3
SCOEFF3
TA = 25°C, VDD = 5 V, G = 80
8.08 x 10−8
mV3 /mT
Sensitivity Initial Error2
SERROR
TA = 25°C
−2.19
+2.39
%SCOEFF1
Sensitivity Error over Temperature2
SERROR_TC
TA = −20°C to +85°C
−0.32
+2.7
%SCOEFF1
TA = −40°C to +125°C
−3.56
+3.63
%SCOEFF1
Linearity Error
LERROR
±8 mT range, FSR = 16 mT
−3.42
+3.28
%FSR
Sensitivity Error due to a Cross Field2 SERROR_BC
BCROSS = ±0.5 mT
0.06
%SCOEFF1
Sensitivity Lifetime Error2
0.032
%SCOEFF1
1 Ideal sensitivity, factory trimmed and calculated with the linear best-fit, is measured from the following points: ±8 mT, ±7 mT, ±6 mT, ±5 mT, ±4 mT, ±3 mT, ±2 mT, ±1 mT,
and ±0.5 mT.
2 Production tested at ±1 mT. Full range guaranteed by design and/or characterization.
3 Ideal coefficient, factory trimmed and calculated with the third-order best-fit, is measured from the following points: ±8 mT, ±7 mT, ±6 mT, ±5 mT, ±4 mT, ±3 mT, ±2 mT,
±1 mT, and ±0.5 mT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com