Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAF1080 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 16Page - Analog Devices ADAF1080 Datasheet HTML 17Page - Analog Devices ADAF1080 Datasheet HTML 18Page - Analog Devices ADAF1080 Datasheet HTML 19Page - Analog Devices ADAF1080 Datasheet HTML 20Page - Analog Devices ADAF1080 Datasheet HTML 21Page - Analog Devices ADAF1080 Datasheet HTML 22Page - Analog Devices ADAF1080 Datasheet HTML 23Page - Analog Devices ADAF1080 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Data Sheet
ADAF1080
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 36
The ADAF1080 provides a completely coreless solution for wide
range low-noise and low-hysteresis magnetic field measurements,
with reduced package size and current consumption. Unlike tradi-
tional Hall-based magnetic field sensors, the ADAF1080 does not
require a magnetic core or flux concentrator.
The ADAF1080 includes the following in a single package:
►
An AMR sensor with an electrical-offset cancellation capability
provided through an integrated flip coil
►
An integrated, precision, zero-drift instrumentation amplifier and
ADC driver for signal conditioning
►
Digital circuitry for additional functionality such as gain control,
temperature compensation, electrical-offset cancellation, and
clock synchronization
AMR MAGNETIC FIELD SENSOR
The integrated AMR magnetic field sensor is composed of four
AMR elements in a Wheatstone bridge configuration. The output
voltage of the Wheatstone bridge changes when the elements
sense a magnetic field along the sense field axis as shown in
Figure 42. The cross field axis of the sensor is the long axis of
the AMR elements. The bridge output is then amplified by the inte-
grated signal conditioning circuit (see the Integrated Signal-Chain
Conditioning section). The bridge supply is driven by the internal
bridge driver circuit that keeps the bridge supply proportional to
VDD.
The transfer function of the ADAF1080 can be described by the
following equation:
VOUT= BSENSE×SDEVICE ×VDD5+VSET2 (1)
where:
VOUT is the measured output of the ADAF1080 on the VOUT pin.
BSENSE is the magnetic field along the sense field axis.
SDEVICE is the sensitivity of the device due to a magnetic field on
the sense field axis.
VDDis the voltage on the VDD pin.
VSETis the voltage on the VSET pin.
Figure 42. AMR Sensor Bridge and Flip Coil
A short high-current pulse is applied on the flip coil by the flip coil
driver circuitry to generate a strong, localized magnetic field at the
AMR sensor elements to align the internal magnetic domains of
the sensor to set its sensitivity polarity. Changing the polarity of
this current pulse reverses the magnetic domains of the sensor
along the easy axis, as shown in Figure 43, which can be used
for electrical-offset measurement and cancellation (see the Flip Coil
and Flip Coil Driver section). The flip coil can also be used after a
saturation event to realign the magnetic domain along the easy axis
and to reset the sensitivity polarity.
Figure 43. Effect of the Flip Coil to Align the Magnetic Domains of the Sensor
SENSE FIELD AXIS
The integrated AMR sensor in the ADAF1080 produces an analog
output that is proportional to the magnetic field strength on a single
axis in the plane of the package. This AMR sensor is capable of
sensing over a wide magnetic field up to ±8 mT.
The sense field axis of the ADAF1080 is shown in Figure 44 and is
referenced by Pin 1 of the lead frame chip-scale package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com