Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAF1080 Datasheet(PDF) 28 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 24Page - Analog Devices ADAF1080 Datasheet HTML 25Page - Analog Devices ADAF1080 Datasheet HTML 26Page - Analog Devices ADAF1080 Datasheet HTML 27Page - Analog Devices ADAF1080 Datasheet HTML 28Page - Analog Devices ADAF1080 Datasheet HTML 29Page - Analog Devices ADAF1080 Datasheet HTML 30Page - Analog Devices ADAF1080 Datasheet HTML 31Page - Analog Devices ADAF1080 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Data Sheet
ADAF1080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 28 of 36
NONLINEARITY COMPENSATION
The ADAF1080 output has a predictable and repetitive third-order
dependency on the sense field.
This third-order dependency creates an error that can be calibrated
out in the digital domain by implementing the following calculation:
BCALC=
VOUT−VOFFSET + SCOEFF3× VOUT3−VOFFSET
SCALC1
(15)
where:
BCALC is the calculated field measured by the ADAF1080.
VOUT is the measured output of the ADAF1080.
VOFFSET is the output voltage when BSENSE = 0 mT.
SCALC1 is the linear best fit coefficient for the compensated output
voltage using the following equation:
VCALC= VOUT−VOFFSET + SCOEFF3× VOUT3
−VOFFSET
(16)
FLIP COIL AND MEASUREMENT TIMING
Flipping the polarity of the sense field axis of the sensor is achieved
with a rising or falling edge on the FLIP_DRV pin. When an edge is
captured by the ADAF1080, the sensor is not immediately flipped,
as shown in Figure 2, an internal delay (tDELAY) is implemented
to allow for a field measurement to be made before the current
pulse. This delay is to minimize the time where the output of the
sensor is invalid while the flip pulse is applied. Following tDELAY,
the sensor polarity is flipped, while the sensor is being flipped, the
output is invalid for tINVALID. Following tINVALID, a further settling
time, tSETTLING, is required for the output to settle.
tSETTLING is determined by the bandwidth of the amplifier and the
bandwidth of the output anti-alias filter. For large output signals, the
flipping action can also trigger the ripple suppression, loop settling
behavior that has a time constant of approximately 10 μs.
FLIPPING FREQUENCY
Driving the FLIP_DRV pin with a flipping clock signal is recom-
mended to cancel electrical-offset temperature coefficient and elec-
trical-offset lifetime drift of the sensor and its signal chain. The
flipping frequency must be significantly faster than any sense
field variations to correctly capture the electrical offset for the
periodic offset cancellation. Therefore, the flipping functionality of
the ADAF1080 enables measurement free from electrical offset
regardless of the signal chain used in the application.
Flipping and offset calculation can be performed at any time to
achieve best-in-class offset and should be performed when the
electrical offset changes.
FLIP COIL FILTER CONFIGURATION
The AMR sensor requires a short but high-current pulse (IFLIP_ON =
2.4 A for 1.25 µs at TA = 25°C) to flip the sensitivity polarity. Place
a 10 µF capacitor (CFLIP) close to the VDD_FLIP pin to act as a
charge reservoir and to provide the flip pulse. The average current
required for the flipping functionality is as follows:
IFLIP_AVG=1.25 μs×2×IFLIP_ON
tCLK_FLIP_DRV
(17)
where:
IFLIP_ON is the peak current required to flip the sensor.
tCLK_FLIP_DRV is the clock applied at the FLIP_DRV pin, as shown in
Figure 2.
To limit the in-rush current from the supply, use a series resistance
(RFLIP) between the VDD and VDD_FLIP pins. The recommended
values for CFLIP and RFLIP are designed to handle the maximum flip
frequency while limiting the impact on the supply. Table 16 shows
the recommended RFLIP and CFLIP for different flipping frequencies.
Table 16. Recommended RFLIP and CFLIP Values for Different FLIP_DRV
Frequencies
FLIP_DRV Frequency
with 50% Duty Cycle
RFLIP (Ω) CFLIP (µF)
Average Current IFLIP_AVG
with TA = 25°C
Up to 10 Hz
250
10
Up to 60 µA
Up to 100 Hz
50
10
Up to 600 µA
Up to 1000 Hz
10
10
Up to 6 mA
CFLIP must be carefully chosen to obtain a capacitance of 10 µF.
Note that the voltage rating and behavior over temperature are
important parameters to ensure that the capacitor has enough
capacitance to supply the flip current required for the flip coil.
VSET VOLTAGE
The VSET voltage can set the output common-mode voltage to half
of the voltage applied to the VSET pin when interfacing with an
ADC. Set the VSET pin to the output voltage range of the ADC to
maximize the usable input range of the ADC.
To ensure a ratiometric measurement, keep the VSET voltage and
the ADC reference voltage proportional to, or equal to, the supply
voltage, VDD.
The typical application diagram shown in Figure 50 and the design
example shown in Figure 58 show a ratiometric measurement
configuration coupled with a 3.3 V and a 5 V ADC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com