Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAF1080 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 1 Page - Analog Devices

  ADAF1080 Datasheet HTML 1Page - Analog Devices ADAF1080 Datasheet HTML 2Page - Analog Devices ADAF1080 Datasheet HTML 3Page - Analog Devices ADAF1080 Datasheet HTML 4Page - Analog Devices ADAF1080 Datasheet HTML 5Page - Analog Devices ADAF1080 Datasheet HTML 6Page - Analog Devices ADAF1080 Datasheet HTML 7Page - Analog Devices ADAF1080 Datasheet HTML 8Page - Analog Devices ADAF1080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Data Sheet
ADAF1080
Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single-axis, high-precision, AMR magnetic field sensor
►
Maximum magnetic field strength on the sense field axis for
linear operation up to ±8 mT
►
Output noise (noise density magnetic field equivalent): 6
nT/√Hz
►
>100 dB dynamic range
►
Flip coil to calibrate electrical offset over life and temperature
►
Temperature compensated output
►
Integrated precision instrumentation amplifier
►
Up to 2.2 MHz bandwidth at gain = 20
►
Programmable chopping for precision measurements
►
Synchronization features for wide bandwidth applications
►
Ratiometric output capability to improve PSRR
►
Programmable gain for 1.8 V to 5 V ADC range
►
Analog output optimized to drive ADC
►
Ease of use features
►
Wide and user-selectable output common-mode voltage
►
Integrated electrical offset cancellation
►
Integrated diagnostics
►
Temperature range: –40°C to +125°C
►
Supply voltage range: 4.5 V to 5.5 V
►
Available in a 20-Lead LFCSP with an exposed pad
APPLICATIONS
►
Isolated and contactless current sensing
►
Handheld current clamp meters
►
Motor control current sense
►
AC and DC power applications
►
Precision magnetic field sensing applications
►
Precision linear encoders
►
Low-noise, precision magnetometers
PRODUCT HIGHLIGHTS
1. Contactless current measurement
2. Precise measurement of magnetic field strength in a single axis
3. Low-noise analog front end
4. Negligible hysteresis
5. High-bandwidth, wide-range magnetic field sensor
6. Electrical offset cancellation over life and temperature
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADAF1080 is a single-axis, high-precision, magnetic-field sen-
sor with integrated signal conditioning. The device incorporates an
anisotropic magnetoresistive (AMR) sensor with an integrated sig-
nal-conditioning amplifier, electrical-offset cancellation capabilities,
integrated diagnostics, and an analog-to-digital converter (ADC)
driver for precise measurement of magnetic fields up to ±8 mT.
The ADAF1080 consists of two die within one package, an AMR
sensor, and an application-specific IC (ASIC). The ADAF1080 pro-
vides a precision amplified output signal that is proportional to the
magnetic field strength along the sensitive axis of the sensor. The
output voltage is ratiometric to the supply voltage with a common
mode of half the voltage set on the external VSET input pin.
The magnetic orientation of the sensor can be defined through
the use of an integrated flip coil that can be used for electrical-
offset cancellation in the presence of a constant magnetic field.
Diagnostics can be carried out through the use of an integrated
diagnostic coil, which can measure the gain of the system or detect
a magnetic saturation event.
The ADAF1080 is available in a 20-lead LFCSP with an exposed
pad.


Similar Part No. - ADAF1080

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ADAFX51CEP5AK AMD-ADAFX51CEP5AK Datasheet
186Kb / 24P
AMD Athlon 64 Processor Power and Thermal Data Sheet
More results

Similar Description - ADAF1080

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
7/2021-Revision 0
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com