Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102AT Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW81102AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102AT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW81102AT Datasheet HTML 9Page - STMicroelectronics STW81102AT Datasheet HTML 10Page - STMicroelectronics STW81102AT Datasheet HTML 11Page - STMicroelectronics STW81102AT Datasheet HTML 12Page - STMicroelectronics STW81102AT Datasheet HTML 13Page - STMicroelectronics STW81102AT Datasheet HTML 14Page - STMicroelectronics STW81102AT Datasheet HTML 15Page - STMicroelectronics STW81102AT Datasheet HTML 16Page - STMicroelectronics STW81102AT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
STW81102
Electrical specifications
13/43
Upon request an Evaluation Kit is available including a powerful simulation tool
(STWPLLSim) which allows to estimate very accurately the Phase Noise of the device
according to the desired project parameters (VCO Frequency, Selected Output Stage,
Reference Clock, Frequency Step, …); refer to the Application Information (Section 7) for
more details.
VCO A with divider by 2 (1500MHz-1810MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-62
dBc/Hz
Phase Noise @ 10 KHz
-89
dBc/Hz
Phase Noise @ 100 KHz
-113
dBc/Hz
Phase Noise @ 1 MHz
-135
dBc/Hz
Phase Noise @ 10 MHz
-151.5
dBc/Hz
Phase Noise Floor @ 40 MHz
-155
dBc/Hz
VCO B with divider by 2 (2000MHz-2325MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-60
dBc/Hz
Phase Noise @ 10 KHz
-88
dBc/Hz
Phase Noise @ 100 KHz
-112
dBc/Hz
Phase Noise @ 1 MHz
-134
dBc/Hz
Phase Noise @ 10 MHz
-151.5
dBc/Hz
Phase Noise Floor @ 40 MHz
-155
dBc/Hz
VCO A with divider by 4 (750MHz-905MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-68
dBc/Hz
Phase Noise @ 10 KHz
-95
dBc/Hz
Phase Noise @ 100 KHz
-119
dBc/Hz
Phase Noise @ 1 MHz
-141
dBc/Hz
Phase Noise @ 10 MHz
-154
dBc/Hz
Phase Noise Floor @ 40 MHz
-155
dBc/Hz
VCO B with divider by 4 (1000MHz-1162.5MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-66
dBc/Hz
Phase Noise @ 10 KHz
-94
dBc/Hz
Phase Noise @ 100 KHz
-118
dBc/Hz
Phase Noise @ 1 MHz
-140
dBc/Hz
Phase Noise @ 10 MHz
-154
dBc/Hz
Phase Noise Floor @ 40 MHz
-155
dBc/Hz
1.
Phase Noise SSB.
VCO amplitude setting to value [11].
All the closed-loop performances are specified using a Reference Clock signal at 76.8 MHz with phase noise of
-135dBc/Hz @1KHz offset, -145dBc/Hz @10KHz offset and -149.5dBc/Hz of noise floor.
2.
Normalized PN = Measured PN – 20log(N) – 10log(fPFD) where N is the VCO divider ratio (N=B*P+A) and fPFD is the
comparison frequency at the PFD input
3.
Typical Phase Noise at centre band frequency
Table 6.
Phase noise specification (continued)
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com