Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102AT Datasheet(PDF) 36 Page - STMicroelectronics

Part # STW81102AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102AT Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STW81102AT Datasheet HTML 32Page - STMicroelectronics STW81102AT Datasheet HTML 33Page - STMicroelectronics STW81102AT Datasheet HTML 34Page - STMicroelectronics STW81102AT Datasheet HTML 35Page - STMicroelectronics STW81102AT Datasheet HTML 36Page - STMicroelectronics STW81102AT Datasheet HTML 37Page - STMicroelectronics STW81102AT Datasheet HTML 38Page - STMicroelectronics STW81102AT Datasheet HTML 39Page - STMicroelectronics STW81102AT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Application information
STW81102
36/43
Alternatively it is possible to combine the 2 outputs in different ways. A first topology for the
direct output (3GHz to 4.65GHz) is suggested in Figure 29. It basically consists of a simple
LC balun and a matching network to adapt the output to a 50
Ω load. The two LC networks
shift output signal phase of -90° and +90° thus combining the 2 outputs. This topology,
designed for a center frequency of 4GHz, is intrinsically narrow band, since the LC balun is
tuned at a single frequency. If the application requires a different sub-band, the LC combiner
could be easily adjusted to be tuned at the frequency of interest.
Figure 29.
LC lumped balun and matching network (MATCH_LC_LUMP_4G.dsn)
The 1.9nH shunt inductor works as a DC feed for one of the open collector terminal as well
as a matching element along with the other components. The 1.9nH series inductors are
used to resonate the parasitic capacitance of the chip.
For an optimum output matching it is recommended to use 0402 Murata or AVX capacitors
and 0403 or 0604 HQ Coilcraft inductors. It is also advisable to use short interconnection
paths to minimize losses and undesired impedance shift.
An alternative topology, which allows for a more broadband matching and balanced to
unbalanced conversion, is shown it Figure 30.
Figure 30.
Evaluation Board (EVB4G) matching network (MATCH_EVB4G.dsn)
For the differential to single conversion the 50 to 100
Ω Johanson balun is recommended
(3700BL15B100).
RFOUTP
RFOUTN
VCC
1.9nH
1.9nH
0.8pF
0.8pF
2.5pF
50 Ohm
VCC
1.9nH
1.9nH
0.8pF
0.8pF
50 Ohm
50 Ohm
RFOUTP
RFOUTN
VCC
1.9nH
1.9nH
0.8pF
0.8pF
2.5pF
50 Ohm
VCC
1.9nH
1.9nH
0.8pF
0.8pF
50 Ohm
50 Ohm
RFOUTP
RFOUTN
VCC
5.5nH
50 Ohm
12pF
12pF
5.5nH
12pF
2:1
VCC
50 Ohm
50 Ohm
1pF
1pF
4.7pF
1.2pF
1.2pF
RFOUTP
RFOUTN
VCC
5.5nH
50 Ohm
12pF
12pF
5.5nH
12pF
2:1
VCC
50 Ohm
50 Ohm
1pF
1pF
4.7pF
1.2pF
1.2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com