Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102AT Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW81102AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102AT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW81102AT Datasheet HTML 19Page - STMicroelectronics STW81102AT Datasheet HTML 20Page - STMicroelectronics STW81102AT Datasheet HTML 21Page - STMicroelectronics STW81102AT Datasheet HTML 22Page - STMicroelectronics STW81102AT Datasheet HTML 23Page - STMicroelectronics STW81102AT Datasheet HTML 24Page - STMicroelectronics STW81102AT Datasheet HTML 25Page - STMicroelectronics STW81102AT Datasheet HTML 26Page - STMicroelectronics STW81102AT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
STW81102
I2C bus interface
23/43
Figure 21.
Start and Stop condition
5.1.4
Byte format and acknowledge
Every byte transferred on the SDA line must contain bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
An acknowledge bit is used to indicate a successful data transfer. The bus transmitter, either
master or slave, will release the SDA bus after sending 8 bits of data. During the 9th clock
pulse the receiver pulls the SDA low to acknowledge the receipt of 8 bits data.
Figure 22.
Byte format and acknowledge
5.1.5
Device addressing
To start the communication between the Master and the STW81102, the master must
initiate with a start condition. Following this, the master sends onto the SDA line 8 bits (MSB
first) corresponding to the device select address and read or write mode.
The first 7 MSB's are the device address identifier, corresponding to the I2C-Bus definition.
For the STW81102 the address is set as "1100A2A1A0", 3bits programmable. The 8th bit
(LSB) is the read or write operation bit (RW; set to 1 in read mode and to 0 in write mode).
After a START condition the STW81102 identifies on the bus the device address and, if
matched, it will acknowledge the identification on SDA bus during the 9th clock pulse.
5.1.6
Single-byte write mode
Following a START condition the master sends a device select code with the RW bit set to 0.
The STW81102 gives an acknowledge and waits for the internal sub-address (1 byte). This
byte provides access to any of the internal registers.
After the reception of the sub-address internal byte the STW81102 again responds with an
acknowledge. A single-byte write to sub-address 00H will change the
"FUNCTIONAL_MODE" register, so a single-byte write with sub-address 04H will change
the "CONTROL" register and so on.
SDA
SCL
START
STOP
SDA
SCL
START
STOP
SDA
SCL
START
//
//
ACKNOWLEDGMENT
FROM RECEIVER
1
2
37
8
9
MSB
SDA
SCL
START
//
//
ACKNOWLEDGMENT
FROM RECEIVER
1
2
37
8
9
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com