Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102AT Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW81102AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102AT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW81102AT Datasheet HTML 33Page - STMicroelectronics STW81102AT Datasheet HTML 34Page - STMicroelectronics STW81102AT Datasheet HTML 35Page - STMicroelectronics STW81102AT Datasheet HTML 36Page - STMicroelectronics STW81102AT Datasheet HTML 37Page - STMicroelectronics STW81102AT Datasheet HTML 38Page - STMicroelectronics STW81102AT Datasheet HTML 39Page - STMicroelectronics STW81102AT Datasheet HTML 40Page - STMicroelectronics STW81102AT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
STW81102
Application information
37/43
7.2
Divided by 2 Output
If the user's application does not require a balanced to unbalanced conversion, the output
matching reduces to the simple circuit shown below (Figure 31).
This solution can be easily used to provide one single ended output just terminating the
other output at 50
Ω with a 3dB power loss.
Figure 31.
Differential/single ended output network in the 1.5 - 2.325GHz range
(MATCH_LC_LUMP_2G_DIFF.dsn)
A first solution to combine the differential outputs is the lumped LC type balun tuned in the
2GHz band (Figure 32).
Figure 32.
LC lumped balun for divided by 2 output (MATCH_LC_LUMP_2G.dsn)
The same recommendation for the SMD components applies also for the divided by 2
output.
Another topology suitable to combine the two outputs for the divided by 2 frequencies is
represented in Figure 33.
RFOUTP
RFOUTN
VCC
22nH
50 Ohm
10pF
22nH
10pF
VCC
50 Ohm
50 Ohm
50 Ohm
RFOUTP
RFOUTN
VCC
2.7nH
2.7nH
2pF
2pF
3pF
50 Ohm
3nH
VCC
2.7nH
2.7nH
2pF
2pF
50 Ohm
50 Ohm
RFOUTP
RFOUTN
VCC
2.7nH
2.7nH
2pF
2pF
3pF
50 Ohm
3nH
VCC
2.7nH
2.7nH
2pF
2pF
50 Ohm
50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com