Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 11Page - STMicroelectronics ISO808 Datasheet HTML 12Page - STMicroelectronics ISO808 Datasheet HTML 13Page - STMicroelectronics ISO808 Datasheet HTML 14Page - STMicroelectronics ISO808 Datasheet HTML 15Page - STMicroelectronics ISO808 Datasheet HTML 16Page - STMicroelectronics ISO808 Datasheet HTML 17Page - STMicroelectronics ISO808 Datasheet HTML 18Page - STMicroelectronics ISO808 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
6
Functional description
6.1
Parallel interface
The integrated smart parallel interface offers three interfacing signals easily managed by a micro-controller. The
LOAD signal enables the input buffer storing the value of the channel inputs. The SYNC signal copies the input
buffer value into the transmission buffer and manages the synchronization between low voltage side and the
channel outputs on the isolated side.
The OUT_EN signal enables the channel outputs. An internal refresh signal updates the configuration of the
channel outputs with a frefresh frequency. This signal can be disabled forcing low the SYNC input when LOAD is
high. SYNC and LOAD pins can be in direct control mode (DCM) or synchronous mode (SCM). The operation of
these two signals is described as follows:
Table 14. Interface signal operation (general)
LOAD
SYNC
OUT_EN
Device behavior
Don't care Don't care
Low(1)
The outputs are disabled (turned off)
High
High
High
The outputs are left unchanged
Low
High
High
The input buffer is enabled, the outputs are left unchanged
High
Low
High
The internal refresh signal is disabled, the transmission buffer is updated and the outputs
are left unchanged
Low
Low
High
The device operates in direct control mode as described in section 7.2 Direct Control Mode
(DCM)
1. The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low
6.1.1
Input signals (IN1 to IN8)
Inputs from IN1 to IN8 are the driving signals of the corresponding OUT1 to OUT8 outputs. Data are directly
loaded on related outputs if SYNC and LOAD inputs are low (DCM operation) or stored into input buffer when
LOAD is low, and SYNC is high.
6.1.2
Load input data (LOAD)
The input is active low; it stores the data from IN1 to IN8 into the input buffer
6.1.3
Output synchronization (SYNC)
The input is active low; it enables the integrated transmission buffer loading input buffer data and manages the
transmission between the two isolated sides of the device.
ISO808, ISO808-1
Functional description
DS14169 - Rev 1
page 15/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com