Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 13Page - STMicroelectronics ISO808 Datasheet HTML 14Page - STMicroelectronics ISO808 Datasheet HTML 15Page - STMicroelectronics ISO808 Datasheet HTML 16Page - STMicroelectronics ISO808 Datasheet HTML 17Page - STMicroelectronics ISO808 Datasheet HTML 18Page - STMicroelectronics ISO808 Datasheet HTML 19Page - STMicroelectronics ISO808 Datasheet HTML 20Page - STMicroelectronics ISO808 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
6.2
Direct Control Mode (DCM)
When SYNC and LOAD inputs are driven by the same signal, the device operates in direct control mode (DCM).
In DCM the SYNC / LOAD signal operates as an active low input enable:
•
When the signal is high, the current output configuration is kept regardless the input values
•
When the signal is low, each channel input directly drives the respective output
This operation mode can also be set shorting both signals to the digital ground; in this case the channel outputs
are always directly driven by the inputs except when OUT_EN is low (outputs disabled).
Table 15. Interface signal operation in DCM
SYNC / LOAD
OUT_EN
Device behavior
Don't care
Low(1)
The outputs are disabled (turned off)
High
High
The outputs are left unchanged
Low
High
The channel inputs drive the outputs
1. The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low
Figure 10. Direct Control Mode, IC configuration
ISO808, ISO808-1
Direct
Control Mode (DCM)
DS14169 - Rev 1
page 17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com