Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 30Page - STMicroelectronics ISO808 Datasheet HTML 31Page - STMicroelectronics ISO808 Datasheet HTML 32Page - STMicroelectronics ISO808 Datasheet HTML 33Page - STMicroelectronics ISO808 Datasheet HTML 34Page - STMicroelectronics ISO808 Datasheet HTML 35Page - STMicroelectronics ISO808 Datasheet HTML 36Page - STMicroelectronics ISO808 Datasheet HTML 37Page - STMicroelectronics ISO808 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Contents
1
Block diagram .....................................................................3
2
Pin connection ....................................................................4
3
Absolute maximum ratings ........................................................6
4
Thermal data ......................................................................7
5
Electrical characteristics...........................................................8
6
Functional description ............................................................15
6.1
Parallel interface .............................................................. 15
6.1.1
Input signals (IN1 to IN8) ................................................. 15
6.1.2
Load input data (LOAD) .................................................. 15
6.1.3
Output synchronization (SYNC) ............................................ 15
6.1.4
Watchdog ............................................................. 16
6.1.5
Output enable (OUT_EN) ................................................. 16
6.2
Direct Control Mode (DCM) ..................................................... 17
6.3
Synchronous Control Mode (SCM) ............................................... 18
6.4
FAULT indication .............................................................. 20
6.4.1
Junction overtemperature ................................................. 20
7
Power section ....................................................................21
7.1
Current limitation .............................................................. 21
7.2
Thermal protection ............................................................ 22
8
Reverse polarity protection .......................................................24
9
Reverse polarity on VDD ..........................................................25
10
Demagnetization energy ..........................................................26
11
Conventions......................................................................27
11.1
Supply voltage and power output conventions ..................................... 27
12
Thermal information ..............................................................28
12.1
Thermal impedance ........................................................... 28
13
Package information..............................................................29
13.1
PowerSO-36 package information ............................................... 29
14
Packing information ..............................................................32
14.1
PowerSO-36 packing information ................................................ 32
15
Ordering information .............................................................33
Revision history .......................................................................34
ISO808, ISO808-1
Contents
DS14169 - Rev 1
page 35/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com