Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO808 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ISO808
Description  Galvanic isolated octal high-side power solid state relay for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ISO808 Datasheet HTML 18Page - STMicroelectronics ISO808 Datasheet HTML 19Page - STMicroelectronics ISO808 Datasheet HTML 20Page - STMicroelectronics ISO808 Datasheet HTML 21Page - STMicroelectronics ISO808 Datasheet HTML 22Page - STMicroelectronics ISO808 Datasheet HTML 23Page - STMicroelectronics ISO808 Datasheet HTML 24Page - STMicroelectronics ISO808 Datasheet HTML 25Page - STMicroelectronics ISO808 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Figure 20. Short-circuit (with OVT) during ON-state
Figure 21. Switching on short-circuit (with OVT)
7.2
Thermal protection
The device is protected against overheating due to overload conditions. During driving period, if the output is
overloaded, the device suffers two different thermal stresses, the first one related to the junction, and the second
related to the case.
The two faults have different trigger thresholds: the junction protection threshold (TJSD) is higher than that of the
case protection (TCSD). Generally, the first protection that is activated in thermal stress conditions is the junction
thermal shutdown. The output is turned off when the temperature is higher than the related threshold and turned
back on when it falls below the reset threshold (TJR). This behavior continues while the fault on the output is
present.
If the thermal protection is active and the temperature of the package increases over the fixed case protection
threshold, the case protection is activated, and the output is switched off and back on when the junction
temperature of each channel in fault and case temperature are below the respective reset thresholds.
Figure 22. Thermal protection flowchart
ISO808, ISO808-1
Thermal protection
DS14169 - Rev 1
page 22/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com