Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4929C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4929C Datasheet HTML 1Page - Infineon Technologies AG TLE4929C Datasheet HTML 2Page - Infineon Technologies AG TLE4929C Datasheet HTML 3Page - Infineon Technologies AG TLE4929C Datasheet HTML 4Page - Infineon Technologies AG TLE4929C Datasheet HTML 5Page - Infineon Technologies AG TLE4929C Datasheet HTML 6Page - Infineon Technologies AG TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
4
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
1.2
Operating Range
All parameters specified in the following sections refer to these operating conditions unless otherwise
specified.
Table 3
General Operating Conditions
Parameter
Symbol
Values
Unit
Note or Test Condition
Min. Typ. Max.
Voltages
Supply voltage without supply
resistance Rs
VDD
4.0
16
V
Continuous Output Off voltage
VQ_OFF
-–
16
V
Supply voltage power- up/down
voltage ramp
dVDD/dt
3.0
1e4
V/ms
Currents
Supply current
IDD
8.0
13.4
mA
Continuous output On current
IQ_ON
–15
mA
VQ_LOW < 0.5 V
Capacitance
Capacitance between IC supply &
ground pins
CVDD
198
220
242
nF
Output capacitance between IC
output and ground pins
CQ
1.62 1.8
1.98
nF
Direction Detection
Frequency range for direction
detection
fDir
0
1800 Hz
For increasing rotational
frequency
0
1500 Hz
For decreasing rotational
frequency
Programming
Maximum No. of EEPROM
programming cycles
NPROG
100
n
Magnetic Signal
Magnetic signal frequency range
f
0
8000 Hz
Full accuracy
8000 –
10000 Hz
10% degraded jitter
Dynamic range of the magnetic field
of the differential speed channel
DRmag_field_s
-120 -
120
mT
ADC-range
Dynamic range of the magnetic field
of the direction channel
DRmag_field_dir -60
-
60
mT
ADC-range
Static range of the magnetic field of
the outer Hall probes in back-bias
configuration
SRmag_field_s_bb 0
-
550
mT
No wheel in front of
module / Offset-DAC-
Compensation-range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com