Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4929C Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 10Page - Infineon Technologies AG TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG TLE4929C Datasheet HTML 14Page - Infineon Technologies AG TLE4929C Datasheet HTML 15Page - Infineon Technologies AG TLE4929C Datasheet HTML 16Page - Infineon Technologies AG TLE4929C Datasheet HTML 17Page - Infineon Technologies AG TLE4929C Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
14
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
3.3.1
Power-on Phase
The operation in Power-on Phase is to refresh the trimming coefficients and algorithm settings from the
EEPROM and to allow the signal path to stabilize.
If an unrecoverable error is found at EEPROM refresh, the output will remain locked HIGH during the entire
operation.
3.3.2
Initial Phase
The magnetic field is measured by three chopped Hall probes. From the outer Hall probes located at a
distance of 2.5mm a differential magnetic field is measured which is named “speed” in this datasheet. From
the center Hall probe the “direction” signal is derived. Both signals are converted to a digital value via an ADC.
3.3.3
Calibration Phase
The adaptation of the threshold to the magnetic field is performed in Calibration Phase. This adaptation is
done based on the field values set by teeth and notches (or based on poles on the pole wheel). These
variations in the magnetic field are followed by a local extrema detection state machine in the IC. During
Calibration Phase the IC permanently monitors the magnetic signal. First and second switching is performed
when the speed-path recognized a certain change of magnetic field and the polarity meets the switching
criterion derived from the EEPROM. The third and further pulse of the output is performed at “zero-crossing”
of the speed path. “Zero crossing” is the 50%-value between detected minimum and detected maximum - also
known as “offset”.
3.3.4
Running Phase
According to the choosen algorithm in EEPROM an avaerage of 5 to 58 pulses is used to do an offset-calculation
and an offset-update.
The following rules have to be verified before applying a computed update to the threshold register:
• Compatibility between threshold update sign and magnetic edge
• Threshold update has to be large enough not to be discarded (minimum_update)
• Threshold update is limited to a maximum value based on field amplitude and on comparison with
absolute field value (maximum_update)
• Computed threshold update is always halved before being applied
• Threshold update is filtered to discourage consecutive updates in opposite direction
(consecutive_upd_req)
Typically the offset is updated after one complete revolution of the target wheel, which is effectively 58 teeth.
Table 5
Available offset update algorithm to be choosen in EEPROM
Parameter
Symbol
Values
Unit Note or Test Condition
Min. Typ. Max.
Offset update
algorithm
58 teeth
-
58
-
-
one revolution of a 60-2 target
32 teeth
-
32
-
-
one revolution of a 32-teeth /pole-pair
target
5 times the same sign
for offset-update
5-
-
-
suggested for wheels with different
number of teeth or for large run-out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com