Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4929C Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG TLE4929C Datasheet HTML 14Page - Infineon Technologies AG TLE4929C Datasheet HTML 15Page - Infineon Technologies AG TLE4929C Datasheet HTML 16Page - Infineon Technologies AG TLE4929C Datasheet HTML 17Page - Infineon Technologies AG TLE4929C Datasheet HTML 18Page - Infineon Technologies AG TLE4929C Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
15
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
3.3.5
Averaging Algorithm
To calculate the threshold within the running phase, valid maxima and minima are averaged to reduce
possible offset-updates. Each offset-update gives an increased jitter, which has to be avoided.
3.3.6
Direction Detection
Direction is calculated from the amplitude-value of direction-signal sampled at zero-crossing of speed-
channel. For each pole-pair or pair of tooth and notch two digital values are generated for detecting the
direction. Subtracting the second value from the first value the direction is determined by its sign. According
to EEPROM-setting a positive sign is either direction forward or direction backward.
Figure 6
Direction Detection Principle: TLE4929C-XAN-M28 issues forward-pulses at each middle of
tooth
Table 6
EEPROM-options for polarity and direction
EEPROM
EDGE_POLAR
EEPROM
FORWARD_DE
F
Function
0
0
Forward-pulse is issued when wheel rotates from pin 1 to pin 3.
Falling edge of output-pulse occurs at middle of the notch.
0
1
Forward-pulse is issued when wheel rotates from pin 3 to pin 1.
Falling edge of output-pulse occurs at middle of the tooth.
(as in TLE4929C-XAN-M28)
1
0
Forward-pulse is issued when wheel rotates from pin 1 to pin 3.
Falling edge of output-pulse occurs at middle of the tooth.
1
1
Forward-pulse is issued when wheel rotates from pin 3 to pin 1.
Falling edge of output-pulse occurs at middle of the notch.
B z,left
B z,right
B z,center
B z,left –B z,right
Monocell
speed
signal
direction
signal
Branded
side
1 2 3
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com