Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4929C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG TLE4929C Datasheet HTML 10Page - Infineon Technologies AG TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG TLE4929C Datasheet HTML 14Page - Infineon Technologies AG TLE4929C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
11
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
3
Functional Description
3.1
Definition of the Magnetic Field Direction
Figure 3
Definition of the Positive Magnetic Field Direction
3.2
Block Diagram
Figure 4
Block Diagram
3.3
Basic Operation
The basic operation of the TLE4929C is to transpose the magnetic field produced by a spinning target wheel
into speed pulses with directional information at the output pin. The pulse width indicates forward or
backward direction information and can be adjusted in EEPROM-options. It is also possible to parameterize
output switching without direction information like it is requested for differential CAM-shaft sensors.The
correspondence between field polarity and output polarity can be set according to the application needs as
well. By definition a magnetic field is considered as positive if the magnetic North Pole is placed at the rear
side of the sensor, see Figure 3.
For understanding the operation five different phases have to be considered:
•
Power-on phase
S
Tooth
Notch
Notch
IC Branded
Side
S
IC Branded
Side
Tooth
Notch
Notch
Digital-Core:
Min/Max -detection
Offset-calculation
Hysteresis-calculation
System-watchdog
Time-watchdog
Offset compensation
Direction detection
Stop-start circuit
EEPROM-control
Output-protocol
VDD-comunication
Q
GND
VDD
Open
Drain
(protected)
EEPROM
Regulator (digital)
Regulator (bandgap + analog)
Regulator (chopped Hall elements)
A / D
BB_DAC
A / D
BB_DAC
A / D
d_ODAC
A / D
speed
A / D
cODAC
A / D
direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com