Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33M656 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC33M656 Datasheet HTML 25Page - Microchip Technology MIC33M656 Datasheet HTML 26Page - Microchip Technology MIC33M656 Datasheet HTML 27Page - Microchip Technology MIC33M656 Datasheet HTML 28Page - Microchip Technology MIC33M656 Datasheet HTML 29Page - Microchip Technology MIC33M656 Datasheet HTML 30Page - Microchip Technology MIC33M656 Datasheet HTML 31Page - Microchip Technology MIC33M656 Datasheet HTML 32Page - Microchip Technology MIC33M656 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 29
MIC33M656
7.0
REGISTER MAP AND I2C
PROGRAMMABILITY
The MIC33M656 internal registers are summarized in
the MIC33M656 Register Map.
TABLE 7-1:
MIC33M656 REGISTER MAP
Address
Register Name
0x00
Control Register (CTRL1)
TON[1:0]
ILIM[1:0]
EN_DELAY[1:0]
EN_INT
EN_CON
0x01
Output Control Register (CTRL2)
DIS_100PCT
FPWM
OT_LATCH
PULL_DN
SLEW_RATE[3:0]
0x02
Output Voltage Register (VOUT)
VO[7:0]
0x03
Status and Fault Register (FAULT)
OT_WARN
EN_STAT BOOT_ERR
SSD
HICCUP
OT
LATCH_OFF
PG
REGISTER 7-1:
CTRL1: CONTROL REGISTER (ADDRESS 0x00)
R/W-V
R/W-V
R/W-V
R/W-V
R/W-0
R/W-0
R/W-0
R/W-0
TON[1:0]
ILIM[1:0]
EN_DELAY[1:0]
EN_INT
EN_CON
bit 7
bit 0
Legend:
V = Factory programmed POR value
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
TON[1:0]: On Time
00 = Low frequency
01 = Medium frequency
10 = High frequency
11 = Very high frequency
bit 5-4
ILIM[1:0]: High-Side Peak Current Limit
00 = 3.5A
01 = 5A
10 = 8.5A
11 = 10A
bit 3-2
EN_DELAY[1:0]: Enable Delay
00 = 250 µs
01 = 1 ms
10 = 2 ms
11 = 3 ms
bit 1
EN_INT: Enable Bit Register Control
0 = Register controlled
1 = Enable pin controlled
bit 0
EN_CON: Enable Control
0 = Off
1 = On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com