Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33M656 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 3 Page - Microchip Technology

  MIC33M656 Datasheet HTML 1Page - Microchip Technology MIC33M656 Datasheet HTML 2Page - Microchip Technology MIC33M656 Datasheet HTML 3Page - Microchip Technology MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 3
MIC33M656
Functional Block Diagram
VOUT/6A
0.6V
0.8V
0.9V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
VIN
2.4V to 5.5V
2x
47 μF
EN
SW
PGND
SVIN
PVIN
Control
Logic
TON
ADJUST
PVIN
MINIMUM
TOFF
PG
100k
VIN
PG
HSD
LSD
L1
0.47 μH
ZC
RIPPLE
INJECTION
COMP
VREF -9%
DELAY
165°C/ 143°C
OT
AGND
2.225V/2.072V
UVLO
PD
10
Ω
PD
EA
10 μF
AUX_PVIN
1μF
10 μF
2x0.1μF
2x 0.1μF
I
2C
CONTROL
AND
REGISTERS
8-Bit
DAC
SDA
SCL
VOUT/6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com