Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC33M656 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC33M656
Description  6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M656 Datasheet(HTML) 1 Page - Microchip Technology

  MIC33M656 Datasheet HTML 1Page - Microchip Technology MIC33M656 Datasheet HTML 2Page - Microchip Technology MIC33M656 Datasheet HTML 3Page - Microchip Technology MIC33M656 Datasheet HTML 4Page - Microchip Technology MIC33M656 Datasheet HTML 5Page - Microchip Technology MIC33M656 Datasheet HTML 6Page - Microchip Technology MIC33M656 Datasheet HTML 7Page - Microchip Technology MIC33M656 Datasheet HTML 8Page - Microchip Technology MIC33M656 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006256A-page 1
MIC33M656
Features
• Input Voltage Range: 2.4V to 5.5V
• 6A Output Current
• Multiple Faults Indication through I2C
•I2C Programmable:
- Output voltage: 0.6V-1.28V, 5 mV resolution;
0.6V-3.84V, 10/20 mV resolution
- Slew rate: 0.2 ms/V-3.2 ms/V
- On time (switching frequency)
- High-side current limit: 3.5A-10A
- Enable delay: 0.2 ms-3 ms
- Output discharge when disabled (EN = GND)
• High Efficiency (up to 95%)
• Ultra-Fast Transient Response
• ±1.5% Output Voltage Accuracy Over
Line/Load/Temperature Range
• Safe Start-up with Pre-Biased Output
• Typical 1.5 µA Shutdown Supply Current
• Low Dropout (100% Duty Cycle) Operation
•I2C Speed, Up to 3.4 MHz
• Latch-Off Thermal Shutdown Protection
• Latch-Off Current Limit Protection
• Meets CISPR32 Class B Emissions
• Power Good (PG) Open-Drain Output
• Package: 53-Lead, 6 mm x 10 mm B1QFN
Applications
• Solid-State Drives (SSD)
• FPGAs, DSP and Low-Voltage ASIC Power
General Description
The Microchip MIC33M656 is an I2C programmable,
high-efficiency, low-voltage input, 6A current, synchro-
nous step-down regulator power module with
integrated inductor. The Constant-On-Time (COT) con-
trol architecture with HyperLight Load® mode provides
very high efficiency at light loads, while still having
ultra-fast transient response.
The I2C interface allows programming the output
voltage, between 0.6V and 1.28V with 5 mV resolution,
or between 0.6V and 3.84V with 10 mV and 20 mV
resolution. Three different default voltage options
(0.6V, 0.9V and 1.0V) are provided so that the applica-
tion can be started with a safe voltage level and then
moved to high-performance modes under I2C control.
An open-drain Power Good output facilitates output
voltage monitoring and sequencing. If set in shutdown
(EN = GND), the MIC33M656 typically draws 1.5 µA,
while the output is discharged through a 10
pull-down
(if the output discharge feature is enabled).
The MIC33M656 pinout is compatible with the
MIC33M650, so that applications can be easily
converted.
The 2.4V to 5.5V input voltage range, low shutdown and
quiescent currents make the MIC33M656 ideal for
single-cell Li-ion battery-powered applications. The 100%
duty cycle capability provides low dropout operation,
extending operating range in portable systems.
The MIC33M656 is available in a thermally efficient,
53-Lead, 6 mm x 10 mm x 3 mm B1QFN package, with
an operating junction temperature range from -40°C to
+125°C.
FIGURE 1:
Radiated Emissions,
CISPR32, Class B (VIN = 5V, VOUT = 1V,
IOUT = 6A).
6A, Power Module Buck Converter
with HyperLight Load® and I2C Interface


Similar Part No. - MIC33M656

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP MICROCHIP-MIC33M650YMP Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP-TR MICROCHIP-MIC33M650YMP-TR Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
More results

Similar Description - MIC33M656

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23051 MICREL-MIC23051_09 Datasheet
735Kb / 13P
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23158 MICREL-MIC23158_13 Datasheet
943Kb / 21P
3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
logo
Microchip Technology
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC23350 MICROCHIP-MIC23350 Datasheet
946Kb / 28P
3A Step-Down Converter with HyperLight Load® and Output Voltage Select
Revision A March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com