Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540B Datasheet(PDF) 54 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 54 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 50Page - STMicroelectronics TDA7540B Datasheet HTML 51Page - STMicroelectronics TDA7540B Datasheet HTML 52Page - STMicroelectronics TDA7540B Datasheet HTML 53Page - STMicroelectronics TDA7540B Datasheet HTML 54Page - STMicroelectronics TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
Software specification
TDA7540B
54/75
Table 31.
Addr 20 Tank Adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
450kHz 0pF
0
0
0
1
450kHz 1.6pF
0
0
1
0
450kHz 3.2pF
0
0
1
1
450kHz 4.8pF
--
--
-
1
1
1
1
450kHz 24pF
0
0
0
0
10.7MHz 0pF
0
0
0
1
10.7MHz 0.55pF
0
0
1
0
10.7MHz 1.1pF
0
0
1
1
10.7MHz 1.65pF
--
--
-
1
1
1
1
10.7MHz 8.25pF
Table 32.
Addr 21 I/Q FM Mixer1 Adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
-7 degree
0001
-6 degree
0010
-5 degree
----
-
0111
0 degree
1000
+1 degree
1001
+2 degree
----
-
1111
+8degree
0
0
Softmute reference offset OFF
0
1
Softmute reference offset -50mV
1
0
Softmute reference offset -100mV
1
1
Softmute reference offset -150mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com