Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540B Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 4Page - STMicroelectronics TDA7540B Datasheet HTML 5Page - STMicroelectronics TDA7540B Datasheet HTML 6Page - STMicroelectronics TDA7540B Datasheet HTML 7Page - STMicroelectronics TDA7540B Datasheet HTML 8Page - STMicroelectronics TDA7540B Datasheet HTML 9Page - STMicroelectronics TDA7540B Datasheet HTML 10Page - STMicroelectronics TDA7540B Datasheet HTML 11Page - STMicroelectronics TDA7540B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
Electrical specifications
TDA7540B
8/75
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Electrical characteristics
3.2.1
Globals
Table 3.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VS
Supply voltage
9.5
V
Tamb
Ambient temperature
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
°C
VESD
ESD protection (Human Body Model)
±1500
V
VESD
ESD protection (Machine Model)
±150
V
VESD
ESD protection (Change Device Model)
±750
V
Table 4.
Electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 =8.5V,
fXtal = 10.25MHz, in application circuit, unless otherwise specified).
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
1
Supply
1.1
VCC1
Digital supply voltage
7.7
8.5
9
V
1.2
VCC2
Analog supply voltage
7.7
8.5
9
V
1.3
VCC3
Analog tuning voltage
7.7
8.5
9
V
1.4
VCCVCO
VCO supply voltage
7.7
8.5
9
V
1.5
VCCMIX1 MIX1 supply voltage
7.7
8.5
9
V
1.6
VCCMIX2 MIX2 supply voltage
7.7
8.5
9
V
1.7
VCCIF1
IF1 supply voltage
7.7
8.5
9
V
1.8
VCCST
Stereo supply voltage
7.7
8.5
9
V
1.9
ICC1
Supply current
FM ON
10
mA
1.10
ICC1
Supply current
AM ON
10
mA
1.11
ICC2
Supply current
FM ON / VCO:3
90
mA
1.12
ICC2
Supply current
AM ON
90
mA
1.13
ICC3
Supply current
4.5
mA
1.14
ICCVCO
Supply current
8
mA
1.15
ICCMIX1
Supply current
FM ON
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com