Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540B Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 45Page - STMicroelectronics TDA7540B Datasheet HTML 46Page - STMicroelectronics TDA7540B Datasheet HTML 47Page - STMicroelectronics TDA7540B Datasheet HTML 48Page - STMicroelectronics TDA7540B Datasheet HTML 49Page - STMicroelectronics TDA7540B Datasheet HTML 50Page - STMicroelectronics TDA7540B Datasheet HTML 51Page - STMicroelectronics TDA7540B Datasheet HTML 52Page - STMicroelectronics TDA7540B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
TDA7540B
Software specification
49/75
0
Disable ISS filter to fixed bandwith (ISS80) in automatic
control
1
Enable ISS filter to fixed bandwith (ISS80) in automatic
control
Table 23.
Addr 12 Softmute Control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
Startpoint mute 0 in application about 3dBµV antenna level
0
0
1
Startpoint mute 1 in application about 4dBµV antenna level
---
-
1
1
1
Startpoint mute 7 in application about 10dBµV antenna level
0
0
0
0
Mute depth 0 in application 18dB
0
0
0
1
Mute depth 1 in application 20dB
0
0
1
0
Mute depth 2 in application 22dB
0
0
1
1
Mute depth 3 in application 24dB
----
- (logarithmically behaviour)
1
1
1
1
Mute depth 15 in application 36dB
0
FM mute disable, (has to be 0 in AM mode)
1
FM mute enable
Table 24.
Addr 13 Softmute Control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Disable mute threshold for ISS filter “ON”
1
Enable mute threshold for ISS filter “ON”
0
0
AC mute depth 10dB
0
1
AC mute depth 8dB
1
0
AC mute depth 6dB
1
1
AC mute depth 4dB
0
0
0
0
AC mute threshold 60mV
0
0
0
1
AC mute threshold 80mV
0
0
1
0
AC mute threshold 100mV
----
-
0
1
1
1
AC mute threshold 340mV
Table 22.
Addr 11 Quality Deviation Detection (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com