Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7540B Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 16Page - STMicroelectronics TDA7540B Datasheet HTML 17Page - STMicroelectronics TDA7540B Datasheet HTML 18Page - STMicroelectronics TDA7540B Datasheet HTML 19Page - STMicroelectronics TDA7540B Datasheet HTML 20Page - STMicroelectronics TDA7540B Datasheet HTML 21Page - STMicroelectronics TDA7540B Datasheet HTML 22Page - STMicroelectronics TDA7540B Datasheet HTML 23Page - STMicroelectronics TDA7540B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
Electrical specifications
TDA7540B
20/75
1. Intermodulation Suppression
a2 = VO(signal,@1KHz) / VO(spurious, @1KHz) ; fs = (2x10KHz) - 19KHz
a3 = VO(signal,@1KHz) / VO(spurious, @1KHz) ; fs = (3x13KHz) - 38KHz
measured with: 91% stereo signal; 9% pilot signal; fm = 10kHz or 13kHz.
2. Traffic Radio (V.F.) Suppression
a57(V,W,F) = VO(signal,@1KHz) / VO(spurious, @1KHz+/-23KHz)
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% sub carrier (f=57kHz,
fm=23Hz AM, m=60%)
3. SCA ( Subsidiary Communications Authorization )
a67 = VO(signal,@1KHz) / VO(spurious, @9KHz) ; fs = (2x38KHz) - 67KHz
measured with: 81% mono signal; 9% pilot signal; fm=1kHz; 10%SCA – sub carrier ( fS =
67kHz, unmodulated ).
4. ACI ( Adjacent Channel Interference )
a114 = VO(signal,@1KHz) / VO(spurious, @4KHz) ; fs = 110KHz - (3x38KHz)
a190 = VO(signal,@1KHz) / VO(spurious, @4KHz) ; fs = 186KHz - (5x38KHz)
measured with: 90% mono signal; 9% pilot signal; fm=1kHz; 1% spurious signal ( fS =
110kHz or 186kHz, unmodulated).
0) All thresholds are measured inTestmode at the quality output. The thresholds are
calculated by
VNBTH - VPEAK
VPEAK is adjusted by applying a 150kHz sinewave at MPXIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com