Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 3Page - STMicroelectronics ST25DV04K Datasheet HTML 4Page - STMicroelectronics ST25DV04K Datasheet HTML 5Page - STMicroelectronics ST25DV04K Datasheet HTML 6Page - STMicroelectronics ST25DV04K Datasheet HTML 7Page - STMicroelectronics ST25DV04K Datasheet HTML 8Page - STMicroelectronics ST25DV04K Datasheet HTML 9Page - STMicroelectronics ST25DV04K Datasheet HTML 10Page - STMicroelectronics ST25DV04K Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 197 page
background image
2.3
RF link (AC0 AC1)
2.3.1
Antenna coil (AC0, AC1)
These inputs are used to connect the ST25DVxxx device exclusively to an external coil. Do not connect any other
DC or AC path to AC0 or AC1.
When correctly tuned, the coil is used to power and access the device using the ISO/IEC 15693 and ISO 18000-3
mode 1 protocols.
2.4
Process control (VDCG, GPO)
2.4.1
Driver supply voltage (VDCG)
This pin, available only with ST25DVxx-JF version, can be connected to an external DC supply voltage. It
supplies only the GPO driver block, not the whole device. If VDCG is left floating, no information is available on the
GPO pin.
2.4.2
General purpose output (GPO)
The ST25DVxxx feature a configurable output GPO pin used to provide RF activity information to an external
device. ST25DVxx-IE offers a GPO open drain. This GPO pin must be connected to an external pull-up resistor
(> 4.7 kΩ) to operate.
The interrupt consists in pulling the state to a low level, or outputting a low level pulse on the GPO pin.
ST25DVxx-JF offers a GPO CMOS output, which requires to connect VDCG pin to an external power supply. The
interrupt consists in setting the state to a high level or outputting a positive pulse on the GPO pin.
GPO pin is a configurable output signal, and can mix several Interruption modes. By default, the GPO register
sets the interruption mode as an RF field change detector. It is able to raise various events like RF activity,
memory write completion, or fast transfer actions. It can authorize the RF side to directly drive GPO pin using the
Manage GPO command to set the output state or emit a single pulse (for example, to wake up an application.).
See Section 5.2 GPO for details.
2.5
Energy harvesting analog output (V_EH)
This analog output pin is used to deliver the analog voltage V_EH available when the Energy harvesting mode
is enabled, if the RF field strength is sufficient. When the Energy harvesting mode is disabled, or the RF field
strength is not sufficient, V_EH pin is in high-Z state (see Section 5.3 Energy harvesting (EH) for details).
Energy harvesting voltage output is not regulated.
ST25DV04K ST25DV16K ST25DV64K
RF link (AC0 AC1)
DS10925 - Rev 11
page 7/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com