Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 66Page - STMicroelectronics ST25DV04K Datasheet HTML 67Page - STMicroelectronics ST25DV04K Datasheet HTML 68Page - STMicroelectronics ST25DV04K Datasheet HTML 69Page - STMicroelectronics ST25DV04K Datasheet HTML 70Page - STMicroelectronics ST25DV04K Datasheet HTML 71Page - STMicroelectronics ST25DV04K Datasheet HTML 72Page - STMicroelectronics ST25DV04K Datasheet HTML 73Page - STMicroelectronics ST25DV04K Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 197 page
background image
Sequential read in dynamic registers:
•
There is no roll over at the end of the mailbox (ST25DVxxx returns only FFh after last system memory byte
address).
6.5.4
Acknowledge in Read mode
For all Read commands, the device waits, after each byte read, for an acknowledgement during the ninth bit time.
If the bus master does not drive serial data (SDA) low during this time, the device terminates the data transfer and
switches to its Standby mode.
6.6
I2C password management
The ST25DVxxx controls I2C security session using an I2C 64-bit password. This I2C password is managed with
two I2C dedicated commands: I2C present password and I2C write password.
6.6.1
I2C present password command description
The I2C present password command is used in I2C mode to present the password to the ST25DVxxx. This is
used to open I2C security session or to allow I2C password modification (see Section 5.6 Data Protection for
detailed explanation about password usage).
Following a Start condition, the bus master sends a device select code with the Read/ Write bit (R W ) reset to
0 and the Chip Enable bit E2 at 1. The device acknowledges this, as shown in Figure 30. I2C Present Password
Sequence, and waits for two I2C password address bytes, 09h and 00h. The device responds to each address
byte with an acknowledge bit, and then waits for the eight password data bytes, the validation code, 09h, and a
resend of the eight password data bytes. The most significant byte of the password is sent first, followed by the
least significant bytes.
It is necessary to send the 64-bit password twice to prevent any data corruption during the sequence. If the two
64-bit passwords sent are not exactly the same, the ST25DVxxx does not start the internal comparison.
When the bus master generates a Stop condition immediately after the Ack bit (during the tenth bit time slot). The
ST25DVxxx compares the 64 received data bits with the 64 bits of the stored I2C password. If the values match,
the I2C security session is open, and the I2C_SSO_Dyn register is set to 01h. If the values do not match, the I2C
security session is closed and I2C_SSO_dyn register is set to 00h.
I2C_SSO_Dyn is a Dynamic register, it can be checked via I2C host to know If I2C security session is open.
Figure 30. I2C Present Password Sequence
Device
select code
Password
[63:56]
Ack
R/W
Ack
Ack
Ack
Device select code = 1010111
Ack generated during 9th bit time slot.
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Ack
Password
[55:48]
Password
[47:40]
Password
[39:32]
Password
[31:24]
Password
[23:16]
Password
[15:8]
Ack
Ack
Ack
Ack
Password
[23:16]
Password
[15:08]
Password
[7:0]
Password
[63:56]
Password
[55:48]
Password
[47:40]
Password
[39:32]
Password
Address 00h
Password
Address 09h
Validation
code 09h
Ack
Ack
Password
[7:0]
Ack
Password
[31:24]
6.6.2
I2C write password command description
The I2C write password command is used to update the I2C password value (register I2C_PWD). It cannot be
used to update any of the RF passwords. After the write cycle, the new I2C password value is automatically
activated. The I2C password value can only be modified after issuing a valid I2C present password command.
ST25DV04K ST25DV16K ST25DV64K
I2C password management
DS10925 - Rev 11
page 70/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com