Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 18Page - STMicroelectronics ST25DV04K Datasheet HTML 19Page - STMicroelectronics ST25DV04K Datasheet HTML 20Page - STMicroelectronics ST25DV04K Datasheet HTML 21Page - STMicroelectronics ST25DV04K Datasheet HTML 22Page - STMicroelectronics ST25DV04K Datasheet HTML 23Page - STMicroelectronics ST25DV04K Datasheet HTML 24Page - STMicroelectronics ST25DV04K Datasheet HTML 25Page - STMicroelectronics ST25DV04K Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 197 page
background image
5.1
Fast transfer mode (FTM)
5.1.1
Fast transfer mode registers
Static Registers
Table 14. MB_MODE access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @0Dh
Write Configuration (cmd code A1h) @0Dh
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, 000Dh
R always, W if I2C security
session is open
Table 15. MB_MODE
Bit
Name
Function
Factory Value
b0
MB_MODE
0: Enabling fast transfer mode is forbidden.
1: Enabling fast transfer mode is authorized.
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 11. System configuration memory map for the MB_MODE register.
Table 16. MB_WDG access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @0Eh
Write Configuration (cmd code A1h) @0Eh
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, 000Eh
R always, W if I2C security
session is open
Table 17. MB_WDG
Bit
Name
Function
Factory Value
b2-b0
MB_WDG
Watch dog duration = 2(MB_WDG-1)x30ms±6
If MD_WDG = 0, then watchdog duration is infinite
111b
b7-b3
RFU
-
00000b
Note:
Refer to Table 11. System configuration memory map for the MB_WDG register.
Dynamic Registers
Table 18. MB_CTRL_Dyn access
RF
I2C
Command
Type
Address
Type
Read Dynamic Configuration (cmd code ADh) @0Dh
Fast Read Dynamic Configuration (cmd code CDh) @0Dh
Write Dynamic Configuration (cmd code AEh) @0Dh
Fast Write Dynamic Configuration (cmd code CEh) @0Dh
b0: R always, W always
b7-b1: RO
E2 = 0, 2006h
b0: R always, W always
b7-b1: RO
ST25DV04K ST25DV16K ST25DV64K
Fast transfer mode (FTM)
DS10925 - Rev 11
page 22/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com