Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUX12TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 42Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 43Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 44Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 45Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 46Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 47Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 48Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 49Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
8.16
MD1_CFG (1Fh)
R/W
Each bit in this register enables a signal to be carried over INT1; the pin's output is the OR combination of the
signals selected here and in register CTRL2 (11h).
Table 52. MD1_CFG register
INT1_ SLEEP
CHANGE
0(1)
INT1_WU
INT1_FF
INT1_TAP
INT1_6D
INT1_
TIMESTAMP
INT1_EMB
_FUNC
1. This bit must be set to 0 for the correct operation of the device.
Table 53. MD1_CFG register description
INT1_SLEEP_CHANGE Enables sleep change (or sleep status, depending on SLEEP_STATUS_ON_INT bit) on INT1 pin.
INT1_WU
Enables routing wake-up event to the INT1 pin.
INT1_FF
Enables routing free-fall event to the INT1 pin.
INT1_TAP
Enables routing tap event to the INT1 pin.
INT1_6D
Enables routing 6D recognition event to the INT1 pin.
INT1_TIMESTAMP
Enables routing the alert of timestamp overflow within 2.5 ms to the INT1 pin.
INT1_EMB_FUNC
Enables routing embedded functions event to the INT1 pin.
8.17
MD2_CFG (20h)
R/W
Each bit in this register enables a signal to be carried over INT2; the pin's output is the OR combination of the
signals selected here and in register CTRL3 (12h).
Table 54. MD2_CFG register
INT2_ SLEEP
CHANGE
0(1)
INT2_WU
INT2_FF
INT2_TAP
INT2_6D
INT2_
TIMESTAMP
INT2_EMB
_FUNC
1. This bit must be set to 0 for the correct operation of the device.
Table 55. MD2_CFG register description
INT2_SLEEP_CHANGE Enables sleep change (or sleep status, depending on SLEEP_STATUS_ON_INT bit) on INT2 pin.
INT2_WU
Enables routing wake-up event to the INT2 pin.
INT2_FF
Enables routing free-fall event to the INT2 pin.
INT2_TAP
Enables routing tap event to the INT2 pin.
INT2_6D
Enables routing 6D recognition event to the INT2 pin.
INT2_TIMESTAMP
Enables routing the alert of timestamp overflow within 2.5 ms to the INT2 pin.
INT2_EMB_FUNC
Enables routing embedded functions event to INT2.
LIS2DUX12
MD1_CFG (1Fh)
DS14071 - Rev 2
page 46/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com