Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUX12TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 51Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 52Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 53Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 54Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 55Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 56Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 57Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 58Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
8.39
IF_WAKE_UP (3Eh)
W
Table 98. IF_WAKE_UP register
-
-
-
-
-
-
-
SOFT_PD
Table 99. IF_WAKE_UP register description
SOFT_PD
This bit allows the transition from deep power-down to soft power-down when the SPI interface is used. This bit is
write only.
8.40
FUNC_CFG_ACCESS (3Fh)
Enable embedded functions register (R/W)
Table 100. FUNC_CFG_ACCESS register
EMB_FUNC_
REG_ACCESS
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FSM_WR_
CTRL_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 101. FUNC_CFG_ACCESS register description
EMB_FUNC_REG_ACCESS Enables access to the embedded functions configuration registers(1). Default value: 0
FSM_WR_CTRL_EN
Enables the control of the CTRL registers to FSM (FSM can change some configurations of the
device autonomously). Default value: 0
(0: disabled; 1: enabled)
1. Details concerning the embedded functions configuration registers are available in Section 9 Embedded functions register
mapping and Section 10 Embedded functions register description
8.41
FIFO_DATA_OUT_TAG (40h)
This register contains the TAG values that distinguish the different kinds of data that can be batched in FIFO (R).
Table 102. FIFO_DATA_OUT_TAG register
TAG_
SENSOR_4
TAG_
SENSOR_3
TAG_
SENSOR_2
TAG_
SENSOR_1
TAG_
SENSOR_0
0
0
-
Table 103. FIFO_DATA_OUT_TAG register description
TAG_SENSOR_[4:0]
FIFO tag. Identifies the sensor in FIFO_DATA_OUT_X_L (41h) and FIFO_DATA_OUT_X_H (42h),
FIFO_DATA_OUT_Y_L (43h) and FIFO_DATA_OUT_Y_H (44h), and FIFO_DATA_OUT_Z_L (45h) and
FIFO_DATA_OUT_Z_H (46h). For details, refer to Table 104.
LIS2DUX12
IF_WAKE_UP (3Eh)
DS14071 - Rev 2
page 55/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com