Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUX12TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 49Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 50Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 51Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 52Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 53Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 54Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 55Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 56Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
8.33
SELF_TEST (32h)
R/W
Table 86. SELF_TEST register
-
-
ST1
ST0
-
-
-
-
Table 87. SELF_TEST register description
ST[1:0]
These bits enable data acquisition during the self-test procedure.
8.34
I3C_IF_CTRL (33h)
R/W
Table 88. I3C_IF_CTRL register
DIS_
DRSTDAA
-
ASF_ON
-
-
-
BUS_ACT_
SEL_1
BUS_ACT_
SEL_0
Table 89. I3C_IF_CTRL register description
DIS_DRSTDAA
If 0, direct RSTDAA is supported.
If 1, direct RSTDAA is disabled.
ASF_ON
If 1, enables the anti-spike filter even if the dynamic address is assigned.
BUS_ACT_SEL_[1:0]
Bus available time selection for IBI (in-band interrupt):
(00: 20 μs;
01: 50 μs (default);
10: 1 ms;
11: 25 ms)
8.35
EMB_FUNC_STATUS_MAINPAGE (34h)
R
Table 90. EMB_FUNC_STATUS_MAINPAGE register
IS_FSM_LC
0
IS_SIGMOT
IS_TILT
IS_STEP_DET
0
0
0
Table 91. EMB_FUNC_STATUS_MAINPAGE register description
IS_FSM_LC
Interrupt status bit for FSM long counter timeout interrupt event. (1: interrupt detected; 0: no interrupt)
IS_SIGMOT
Interrupt status bit for significant motion detection. (1: interrupt detected; 0: no interrupt)
IS_TILT
Interrupt status bit for tilt detection. (1: interrupt detected; 0: no interrupt)
IS_STEP_DET
Interrupt status bit for step detection. (1: interrupt detected; 0: no interrupt)
LIS2DUX12
SELF_TEST (32h)
DS14071 - Rev 2
page 53/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com