Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUX12TR Datasheet(PDF) 88 Page - STMicroelectronics

Part # LIS2DUX12TR
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 84Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 85Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 86Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 87Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 88Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 89Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 90Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 91Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
12.1.7
T_SENSITIVITY_L (B6h) and T_SENSITIVITY_H (B7h)
Temperature sensor sensitivity value register (R/W)
This sensitivity value is also applied to the data processed in the finite state machine (FSM) and machine learning
core (MLC) blocks.
This register corresponds to the conversion value of the embedded temperature sensor. The register value is
expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10
fraction bits).
The default value of T_S_[15:0] is 0x19D1, this value corresponds to 0.045 °C/LSB with 12-bit resolution.
Table 229. T_SENSITIVITY_L register
T_S_7
T_S_6
T_S_5
T_S_4
T_S_3
T_S_2
T_S_1
T_S_0
Table 230. T_SENSITIVITY_L register description
T_S_[7:0]
Temperature sensor sensitivity (LSbyte). Default value: 11010001
Table 231. T_SENSITIVITY_H register
T_S_15
T_S_14
T_S_13
T_S_12
T_S_11
T_S_10
T_S_9
T_S_8
Table 232. T_SENSITIVITY_H register description
T_S_[15:8]
Temperature sensor sensitivity (MSbyte). Default value: 00011001
LIS2DUX12
Page 0 - embedded advanced features registers
DS14071 - Rev 2
page 88/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com