Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5063 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMM5063 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Electrical Specifications
MOTOROLA
MMM5063 Advance Information
3
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Drain Supply Voltage
VGSM1,2,3,
VDCS1,2,3
2.7
-
5.5
V
Bias Supply Voltage
VdB
2.7
-
5.5
V
Regulated Voltage
VREG
2.5
2.8
3.0
V
Power Control Voltage
Vapc
01.8
2.8
V
Band Select
VBS
02.8
3.0
V
Input Power GSM
GSM IN
-1.0
-
8.0
dBm
Input Power DCS/PCS
DCS/PCS
IN
2.0
-
10
dBm
Table 3. Control Requirements
Characteristic
Symbol
Min
Typ
Max
Unit
Current for Vreg @ 2.8 V
Ireg
-7.7
10
mA
Band Select
Low Band Enable Voltage
High Band Enable Voltage
VBS
2.2
0
2.8
-
-
0.3
V
Current for VBS = 2.8 V
IBS
-
0.76
1.0
mA
Table 4. Electrical Characteristics
(Peak measurement at 25% duty cycle, 4.6 ms period, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
GSM 900 Section(Pin = -1.0 dBm, VGSM1,2,3 = 3.5 V pulsed, VdB = 3.5 V, VREG = VBS= 2.8 V, Vramp = 1.8 V pulsed)
Frequency Range
BW
880
-
915
MHz
Output Power
Pout
34.2
35.2
-
dBm
Power Added Efficiency
PAE
48
53
-
%
Output Power @ Low Voltage (VGSM1,2,3 = 2.8 V
pulsed, VdB = 2.8 V)
Pout
32.5
33.4
-
dBm
Power Added Efficiency @ Low Voltage (VGSM1,2,3 =
2.8 V pulsed,
VdB = 2.8 V)
PAE
48
54
-
%
Harmonic Output
2fo
≥3fo
-
-
-37
-60
-33
-45
dBc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com