Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5063 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
6
MMM5063 Advance Information
MOTOROLA
Typical Performance Characteristics
2 Typical Performance Characteristics
2.1 GSM
Figure 2. Output Power versus Frequency
Figure 3. Power Added Efficiency
versus Frequency
Figure 4. Crosstalk versus Frequency
Figure 5. Second Harmonic Output
versus Frequency
38
880
f, FREQUENCY (MHz)
887
894
901
908
915
37
36
35
34
33
32
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
60
880
f, FREQUENCY (MHz)
887
894
901
908
915
55
50
45
40
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
-20
880
f, FREQUENCY (MHz)
887
894
901
908
915
-22
-28
-30
-32
-34
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = 85° C
-35°C
-26
-24
38
880
f, FREQUENCY (MHz)
887
894
901
908
915
37
36
35
34
32
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = 85° C
-35°C
33
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com