Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5063 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Contact Descriptions and Connections
MOTOROLA
MMM5063 Advance Information
9
3 Contact Descriptions and Connections
Figure 15. Contact Connections
(Bottom View)
Table 5. Contact Function Description
Pin
Symbol
Description
1Vreg
Regulated dc voltage for bias circuit
2VdB
DC supply voltage for active bias circuits connected to the battery
3
DCS/PCS Out
DCS/PCS RF output
4VDCS3
DCS/PCS DC supply voltage for 3rd stage
5VDCS2
DCS/PCS DC supply voltage for 2nd stage
6VDCS1
DCS/PCS DC supply voltage for 1st stage
7Vapc
Power control for both line-ups (Vapc = 0 V, Pout = Poff, Vapc = 1.8 V, Pout = Pmax)
8
DCS/PCS In
DCS/PCS RF input
9
GSM In
GSM RF input
10
VGSM1
GSM DC supply voltage for 1st stage
11
VGSM2
GSM DC supply voltage for 2nd stage
12
VGSM3
GSM DC supply voltage for 3rd stage
13
GSM Out
GSM RF output
14
VBS
Band selection between GSM and DCS/PCS
DCS/PCS Out
V
dB
V
reg
V
BS
GSM Out
V
GSM3
V
GSM2
V
GSM1
GSM In
DCS/PCS In
V
ramp
V
DCS1
V
DCS2
V
DCS3
Ground Plane
(0.95)
(0.60)
Pin 1 Pad Corner
NOTE: For optimum performance VGSM1 and VGSM2, as well as VDCS1 and VDCS2, must
be strapped together on the application demobard.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com