Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMM5063 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMM5063 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Typical Performance Characteristics
MOTOROLA
MMM5063 Advance Information
7
2.2 DCS
Figure 6. Third Harmonic Output
versus Frequency
Figure 7. Output Power versus Frequency
Figure 8. Power Added Efficiency
versus Frequency
Figure 9. Second Harmonic Output
versus Frequency
Figure 10. Third Harmonic Output
versus Frequency
70
880
f, FREQUENCY (MHz)
887
894
901
908
915
69
67
66
65
63
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
64
68
34.4
1710
f, FREQUENCY (MHz)
1735
1760
1785
34
33.8
33.6
33.4
33.2
33
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
34.2
48
1710
f, FREQUENCY (MHz)
1735
1760
1785
45
44
43
42
41
40
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
25°C
T
A = -35° C
85°C
47
46
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
72
1710
f, FREQUENCY (MHz)
1735
1760
1785
70
69
68
67
66
65
25°C
T
A = 85° C
-
35°C
71
V
GSM1,2,3 = 3.5 V
V
dB = 3.5 V
V
apc = 2.2 V
60
1710
f, FREQUENCY (MHz)
1735
1760
1785
58
57
56
55
54
25°C
T
A = -35° C
85°C
59
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com