| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 299 page ![]() 6.3.23 MCASP 6.3.23.1 MAIN Domain Table 6-98. MCASP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCASP0_ACLKR IO MCASP Receive Bit Clock AF34 MCASP0_ACLKX IO MCASP Transmit Bit Clock AK35 MCASP0_AFSR IO MCASP Receive Frame Sync AE34 MCASP0_AFSX IO MCASP Transmit Frame Sync AK38 MCASP0_AXR0 IO MCASP Serial Data (Input/Output) AF37 MCASP0_AXR1 IO MCASP Serial Data (Input/Output) AG37 MCASP0_AXR2 IO MCASP Serial Data (Input/Output) AK33 MCASP0_AXR3 IO MCASP Serial Data (Input/Output) AJ38 MCASP0_AXR4 IO MCASP Serial Data (Input/Output) AK34 MCASP0_AXR5 IO MCASP Serial Data (Input/Output) AG38 MCASP0_AXR6 IO MCASP Serial Data (Input/Output) AF36 MCASP0_AXR7 IO MCASP Serial Data (Input/Output) AE35 MCASP0_AXR8 IO MCASP Serial Data (Input/Output) AC35 MCASP0_AXR9 IO MCASP Serial Data (Input/Output) AG35 MCASP0_AXR10 IO MCASP Serial Data (Input/Output) AH36 MCASP0_AXR11 IO MCASP Serial Data (Input/Output) AF35 MCASP0_AXR12 IO MCASP Serial Data (Input/Output) AD34 MCASP0_AXR13 IO MCASP Serial Data (Input/Output) AJ36 MCASP0_AXR14 IO MCASP Serial Data (Input/Output) AF34 MCASP0_AXR15 IO MCASP Serial Data (Input/Output) AE34 Table 6-99. MCASP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCASP1_ACLKR IO MCASP Receive Bit Clock AG38 MCASP1_ACLKX IO MCASP Transmit Bit Clock AC34 MCASP1_AFSR IO MCASP Receive Frame Sync AF36 MCASP1_AFSX IO MCASP Transmit Frame Sync AD33 MCASP1_AXR0 IO MCASP Serial Data (Input/Output) AD38 MCASP1_AXR1 IO MCASP Serial Data (Input/Output) AC32 MCASP1_AXR2 IO MCASP Serial Data (Input/Output) AC37 MCASP1_AXR3 IO MCASP Serial Data (Input/Output) AL33 MCASP1_AXR4 IO MCASP Serial Data (Input/Output) AL34 Table 6-100. MCASP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCASP2_ACLKR IO MCASP Receive Bit Clock AD34 MCASP2_ACLKX IO MCASP Transmit Bit Clock AD37 MCASP2_AFSR IO MCASP Receive Frame Sync AJ36 MCASP2_AFSX IO MCASP Transmit Frame Sync AE37 MCASP2_AXR0 IO MCASP Serial Data (Input/Output) AC36 MCASP2_AXR1 IO MCASP Serial Data (Input/Output) AE36 MCASP2_AXR2 IO MCASP Serial Data (Input/Output) AF38 MCASP2_AXR3 IO MCASP Serial Data (Input/Output) AC33 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 114 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |