| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 116 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 116 Page - Texas Instruments |
|
116 / 299 page ![]() 6.3.24.2 MCU Domain Table 6-104. MCU_DMTIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) G33, J38 MCU_TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) F37, M38 MCU_TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) E38 MCU_TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) E37 MCU_TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) D36 MCU_TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) C36 MCU_TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) L35, M37 MCU_TIMER_IO7 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) L34, M36 MCU_TIMER_IO8 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) H37 MCU_TIMER_IO9 IO Timer Inputs and Outputs (Can be used with any MCU domain timer instance.) K37 6.3.25 CPTS 6.3.25.1 MAIN Domain Table 6-105. CPTS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] CPTS0_RFT_CLK I CPTS Reference Clock AD36 CPTS0_TS_COMP O CPTS Time Stamp Counter Compare AP38 CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit AA32 CPTS0_HW1TSPUSH I CPTS Hardware Time Stamp Push 1 AD36 CPTS0_HW2TSPUSH I CPTS Hardware Time Stamp Push 2 AJ32 6.3.25.2 MCU Domain Table 6-106. MCU_CPTS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_CPTS0_RFT_CLK I CPTS Reference Clock L33, M33 MCU_CPTS0_TS_COMP O CPTS Time Stamp Counter Compare L34 MCU_CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit L35 MCU_CPTS0_HW1TSPUSH I CPTS Hardware Time Stamp Push 1 L37 MCU_CPTS0_HW2TSPUSH I CPTS Hardware Time Stamp Push 2 L36 6.3.26 DSS 6.3.26.1 MAIN Domain Table 6-107. DSS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] DSS_FSYNC0 O Video Output Frame Sync AG36, AJ37 DSS_FSYNC1 O Video Output Frame Sync AJ33, AJ34 DSS_FSYNC2 O Video Output Frame Sync AF33, AF35 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 116 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |