| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 115 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 115 Page - Texas Instruments |
|
115 / 299 page ![]() Table 6-100. MCASP2 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCASP2_AXR4 IO MCASP Serial Data (Input/Output) AF34 Table 6-101. MCASP3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCASP3_ACLKR IO MCASP Receive Bit Clock AM37 MCASP3_ACLKX IO MCASP Transmit Bit Clock AM37 MCASP3_AFSR IO MCASP Receive Frame Sync AP38 MCASP3_AFSX IO MCASP Transmit Frame Sync AP38 MCASP3_AXR0 IO MCASP Serial Data (Input/Output) AN38 MCASP3_AXR1 IO MCASP Serial Data (Input/Output) AM35 MCASP3_AXR2 IO MCASP Serial Data (Input/Output) AM36 Table 6-102. MCASP4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCASP4_ACLKR IO MCASP Receive Bit Clock AE35 MCASP4_ACLKX IO MCASP Transmit Bit Clock AJ32 MCASP4_AFSR IO MCASP Receive Frame Sync AC35 MCASP4_AFSX IO MCASP Transmit Frame Sync AJ37 MCASP4_AXR0 IO MCASP Serial Data (Input/Output) AJ34 MCASP4_AXR1 IO MCASP Serial Data (Input/Output) AE38 MCASP4_AXR2 IO MCASP Serial Data (Input/Output) AD36 MCASP4_AXR3 IO MCASP Serial Data (Input/Output) AH38 MCASP4_AXR4 IO MCASPI Serial Data (Input/Output) AG35 6.3.24 DMTIMER 6.3.24.1 MAIN Domain Table 6-103. DMTIMER Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] TIMER_IO0 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AR38 TIMER_IO1 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AN37 TIMER_IO2 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AC38 TIMER_IO3 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AA32 TIMER_IO4 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AB34 TIMER_IO5 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AA33 TIMER_IO6 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AB38 TIMER_IO7 IO Timer Inputs and Outputs (Can be used with any MAIN domain timer instance) AB36 www.ti.com AM69A SPRSP92 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 115 Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |